Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
ADL8101
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 35
Figure 88. Reverse Isolation vs. Frequency for Various Temperatures,
IDQ = 90 mA, and RBIAS = 715 Ω
Figure 89. Noise Figure vs. Frequency for Various Temperatures,
IDQ = 90 mA, and RBIAS = 715 Ω
Figure 90. OP1dB vs. Frequency for Various Temperatures,
IDQ = 90 mA, and RBIAS = 715 Ω
Figure 91. Reverse Isolation vs. Frequency for Various IDQ Values
Figure 92. Noise Figure vs. Frequency for Various IDQ Values
Figure 93. OP1dB vs. Frequency for Various IDQ Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com