Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL8101ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Data Sheet
ADL8101
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 35
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
10 kHz to 16 GHz Frequency Range................. 3
16 GHz to 22 GHz Frequency Range................ 3
DC Specifications............................................... 4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Electrostatic Discharge (ESD) Ratings...............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Interface Schematics..........................................6
Typical Performance Characteristics .................... 7
10 MHz to 22 GHz Bias Tee............................... 7
10 MHz to 22 GHz Bias Tee, Biasing
Through the ACG/VDD2 Pin.......................... 20
10 kHz to 22 GHz Bias Tee.............................. 24
10 kHz to 22 GHz Bias Tee, Biasing
Through the ACG/VDD2 Pin.......................... 26
Theory of Operation.............................................28
Applications Information...................................... 29
Recommended Bias Sequencing.....................30
Operation from 10 kHz to 22 GHz.................... 31
Providing Drain Bias Through the ACG/
VDD2 Pin........................................................32
Overdrive Recovery Optimization.....................33
Recommended Power Management Circuit.....34
Outline Dimensions............................................. 35
Ordering Guide.................................................35
Evaluation Boards............................................ 35
REVISION HISTORY
7/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com