Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 34Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet
ADL8101
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 32 of 35
PROVIDING DRAIN BIAS THROUGH THE ACG/
VDD2 PIN
An alternative way to bias the ADL8101 is through the ACG/VDD2
pin (Pin 8), which is shown in Figure 125. Because of the voltage
drop across the internal bias resistor, a higher VDD is required. If a
715 Ω bias resistor (R2) is used and connected to the 5 V power
supply, which results in a total current of 90 mA, a VDD of 8.5 V
is recommended. R2 can also be connected to the VDD of 8.5 V.
In this case, to set IDQ to 90 mA, use an R2 value of 1350 Ω on
RBIAS.
Figure 125. Providing Resistive Drain Bias Through the ACG/VDD2 Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com