Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Data Sheet
ADL8101
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 20 of 35
10 MHZ TO 22 GHZ BIAS TEE, BIASING THROUGH THE ACG/VDD2 PIN
VDD2 = 8.5 V, VBIAS = 5 V, and frequency range = 0.01 GHz to 24 GHz.
Figure 82. Gain vs. Frequency for Various Temperatures,
IDQ = 90 mA, and RBIAS = 715 Ω
Figure 83. Input Return Loss vs. Frequency for Various Temperatures,
IDQ = 90 mA, and RBIAS = 715 Ω
Figure 84. Output Return Loss vs. Frequency for Various Temperatures,
IDQ = 90 mA, and RBIAS = 715 Ω
Figure 85. Gain vs. Frequency for Various IDQ Values
Figure 86. Input Return Loss vs. Frequency for Various IDQ Values
Figure 87. Output Return Loss vs. Frequency for Various IDQ Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com