Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL8101ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 34Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Data Sheet
ADL8101
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 35
RECOMMENDED POWER MANAGEMENT CIRCUIT
Figure 127 shows a recommended power management circuit for
the ADL8101. The LT8607 step-down regulator is used to step
down a 12 V rail to 4.5 V that is then applied to the LT3042 low
dropout (LDO) linear regulator to generate a low noise 3.3 V output.
Even though the circuit shown in Figure 127 has an input voltage
(VIN) of 12 V, the input range to the LT8607 can be as high as 42 V.
The 4.5 V regulator output of the LT8607 is set by the R2 and R3
resistors, according to the following equation:
R2 = R3((VOUT/0.778 V) – 1)
where VOUT is the output voltage.
The switching frequency (fSW) is set to 2 MHz by the 18.2 kΩ
resistor (R1) on the RT pin of the LT8607. The LT8607 data sheet
provides a table of resistor values that can be used to select other
switching frequencies ranging from 0.2 MHz to 2.200 MHz.
The output voltage of the LT3042 is set by the R4 resistor connect-
ed to the SET pin, according to the following equation:
VOUT = 100 μA × R4
The resistors on the PGFB pins of the LT3042 are chosen to trigger
the power-good (PG) signal when the output is just under 95% of
the target voltage of 3.3 V. The output of the LT3042 has 1% initial
tolerance and another 1% variation over temperature. The PGFB
tolerance is roughly 3% over temperature, and adding resistors
results in a bit more tolerance (5%). Therefore, putting 5% between
the output and PGFB works well. In addition, the PG open-collector
is pulled up to the 3.3 V output to give a convenient 0 V to 3.6 V
voltage range. Table 10 provides the recommended resistor values
for operation at 3.6 V to 3 V.
Table 10. Recommended Resistor Values for Operating at 3.6 V to 3 V
LDO VOUT (V)
R4 (kΩ)
R7 (kΩ)
R8 (kΩ)
3.6
36.5
332
30.1
3.3
33.1
301
30.1
3
30.1
267
30.1
The LT8607 can source a maximum current of 750 mA, and the
LT3042 can source a maximum current of 200 mA. If the 5 V power
supply voltage is being developed as a bus supply to serve another
component, higher current devices can be used. The LT8608 and
LT8609 step-down regulators can source a maximum current to 1.5
A and 3 A, respectively, and these devices are pin compatible with
the LT8607. The LT3045 linear regulator, which is pin compatible
with LT3042, can source a maximum current to 500 mA.
Figure 127. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com