Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8101ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet
ADL8101
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 35
10 KHZ TO 16 GHZ FREQUENCY RANGE
VDD = 5 V, IDQ = 90 mA, bias resistance (RBIAS) = 715 Ω, and TCASE = 25°C, unless otherwise noted.
Table 1. 10 kHz to 16 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.00001
16
GHz
Refer to the 10 kHz to 22 GHz Bias Tee section for the parameter
coverage and operation down to 10 kHz range
GAIN
12
14
dB
Gain Variation over Temperature
0.0168
dB/°C
NOISE FIGURE
3.5
dB
RETURN LOSS
Input (S11)
17
dB
Output (S22)
17
dB
OUTPUT
OP1dB
13
15
dBm
Saturated Output Power (PSAT)
18
dBm
OIP3
26
dBm
Measurement taken at output power (POUT) per tone = 0 dBm
OIP2
29
dBm
Measurement taken at POUT per tone = 0 dBm
POWER ADDED EFFICIENCY (PAE)
8.66
%
Measured at PSAT
16 GHZ TO 22 GHZ FREQUENCY RANGE
VDD = 5 V, IDQ = 90 mA, RBIAS = 715 Ω, and TCASE = 25°C, unless otherwise noted.
Table 2. 16 GHz to 22 GHz Frequency Range
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
16
22
GHz
GAIN
12
14
dB
Gain Variation over Temperature
0.0205
dB/°C
NOISE FIGURE
3.8
dB
RETURN LOSS
S11
12
dB
S22
10
dB
OUTPUT
OP1dB
12
14
dBm
PSAT
16.5
dBm
OIP3
25
dBm
Measurement taken at POUT per tone = 0 dBm
OIP2
29
dBm
Measurement taken at POUT per tone = 0 dBm
PAE
5.83
%
Measured at PSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com