Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8101ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8101ACPZN-R7
Description  10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8101ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8101ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8101ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Data Sheet
ADL8101
10 kHz to 22 GHz, Ultrawideband, Low Noise Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Wideband operation: 10 kHz to 22 GHz
Single positive supply (self biased) typical: 5 V and 90 mA
RBIAS drain current adjustment pin
Gain: 14 dB typical from 10 kHz to 16 GHz
Noise figure: 3.5 dB typical from 10 kHz to 16 GHz
Extended operating temperature range: −55°C to +125°C
RoHS-compliant, 2 mm × 2 mm, 8-lead lead frame chip scale
package [LFCSP]
APPLICATIONS
Telecommunications
Instrumentation
Radar
Electronic warfare
GENERAL DESCRIPTION
The ADL8101 is an ultrawideband low noise amplifier (LNA) that
operates from 10 kHz to 22 GHz. The typical gain and noise figure
are 14 dB and 3.5 dB, respectively, from 10 kHz to 16 GHz. The
output power for 1 dB compression (OP1dB), output third-order
intercept (OIP3), and output second-order intercept (OIP2) are 15
dBm, 26 dBm, and 29 dBm, respectively, from 10 kHz to 16 GHz.
The nominal quiescent current (IDQ), which can be adjusted, is
90 mA from a 5 V supply voltage (VDD). The internally matched,
DC-coupled RF input and output pins require external AC coupling
capacitors along with a bias inductor on RFOUT.
The ADL8101 is fabricated on a pseudomorphic high electron mobi-
lity transistor (pHEMT) process. It is housed in an RoHS-compliant,
2 mm × 2 mm, 8-lead LFCSP and is specified for operation from
−55°C to +125°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADL8101ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADL8101ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
logo
TriQuint Semiconductor
QPA2628 TRIQUINT-QPA2628 Datasheet
1Mb / 14P
22 ??32 GHz GaAs Low Noise Amplifier
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
QPA2628 QORVO-QPA2628 Datasheet
1Mb / 15P
22 – 31.5 GHz GaAs Low Noise Amplifier
August 2020
logo
Teledyne Technologies I...
TDLNA2626SEP TELEDYNE-TDLNA2626SEP Datasheet
1Mb / 10P
17-22 GHz Low Noise Amplifier
06-2023 Rev 0.7a
logo
Analog Devices
ADL8102 AD-ADL8102 Datasheet
1Mb / 23P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com