Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 24Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 25Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 26Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
Am79C940
27
CS
Chip Select (Input)
Used to access the MACE device FIFOs and internal
registers locations using the ADD address bus. The
FIFOs may alternatively be directly accessed without
supplying the FIFO address, by using the FDS and
R/W pins.
INTR
Interrupt (Output, Open Drain)
An attention signal indicating that one or more of the
following status flags are set: XMTINT, RCVINT,
MPCO, RPCO, RCVCCO, CERR, BABL, or JAB. Each
interrupt source can be individually masked. No inter-
rupt condition can take place in the MACE device
immediately after a hardware or software reset.
RESET
Reset (Input)
Reset clears the internal logic. Reset can be asynchro-
nous to SCLK, but must be asserted for a minimum
duration of 15 SCLK cycles.
SCLK
System Clock (Input)
The system clock input controls the operational fre-
quency of the slave interface to the MACE device and
the internal processing of frames. SCLK is unrelated to
the 20 MHz clock frequency required for the 802.3/
Ethernet interface. The SCLK frequency range is
1 MHz-25 MHz.
EDSEL
System Clock Edge Select (Input)
EDSEL is a static input that allows System Clock
(SCLK) edge selection. If EDSEL is tied high, the bus
interface unit will assume falling edge timing. If EDSEL
is tied low, the bus interface unit will assume rising
edge timing, which will effectively invert the SCLK as it
enters the MACE device, i.e., the address, control lines
(CS, R/W, FDS, etc) and data are all latched on the ris-
ing edge of SCLK, and data out is driven off the rising
edge of SCLK.
TC
Timing Control (Input)
The Timing Control input conditions the minimum num-
ber of System Clocks (SCLK) cycles taken to read or
write the internal registers and FIFOs. TC can be used
as a wait state generator, to allow additional time for
data to be presented by the host during a write cycle,
or allow additional time for the data to be latched during
a read cycle. TC has an internal (SLEEP disabled)
pull up.
Timing Control
IEEE 1149.1 TEST ACCESS PORT (TAP)
INTERFACE
TCK
Test Clock (Input)
The clock input for the boundary scan test mode oper-
ation. TCK can operate up to 10 MHz. TCK has an in-
ternal (not SLEEP disabled) pull up.
TMS
Test Mode Select (Input)
A serial input bit stream used to define the specific
boundary scan test to be executed. TMS has an inter-
nal (not SLEEP disabled) pull up.
TDI
Test Data Input (Input)
The test data input path to the MACE device. TDI has
an internal (not SLEEP disabled) pull up.
TDO
Test Data Out (Output)
The test data output path from the MACE device.
GENERAL INTERFACE
XTAL1
Crystal Connection (Input)
The internal clock generator uses a 20 MHz crystal that
is attached to pins XTAL1 and XTAL2. Internally, the
20 MHz crystal frequency is divided by two which
determines the network data rate. Alternatively, an
external 20 MHz CMOS-compatible clock signal can be
used to drive this pin. The MACE device supports the
use of 50 pF crystals to generate a 20 MHz frequency
which is compatible with the IEEE 802.3 network
fre quency tolerance and jitter specifications.
XTAL2
Crystal Connection (Output)
The internal clock generator uses a 20 MHz crystal that
is attached to pins XTAL1 and XTAL2. If an external
clock generator is used on XTAL1, then XTAL2 should
be left unconnected.
SLEEP
Sleep Mode (Input)
The optimal power savings made is extracted by
asserting the SLEEP pin with both the Auto Wake
(AWAKE bit) and Remote Wake (RWAKE bit) functions
disabled. In this “deep sleep” mode, all outputs will be
forced into their inactive or high impedance state, and
all inputs will be ignored except for the SLEEP, RESET,
SCLK, TCK, TMS, and TDI pins. SCLK must run for 5
cycles after the assertion of SLEEP. During the “Deep
Sleep”, the SCLK input can be optionally suspended
for maximum power savings. Upon exiting “Deep
Sleep”, the hardware RESET pin must be asserted and
the SCLK restored. The system must delay the setting
TC
Number of
Clocks
12
03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com