Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 51Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 52Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 53Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 54Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 55Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 56Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 57Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 58Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
Am79C940
55
subsequent packets that would have normally been
passed to the host, and are now ignored due to the
disabled state of the receiver.
Note that clearing the ENRCV bit disables the asser-
tion of RDTREQ. If ENRCV is cleared during receive
activity and remains cleared for a long time and if the
tail end of the receive frame currently in progress is
longer than the amount of space available in the
Receive FIFO, Receive FIFO overflow will occur. How-
ever, even with RDTREQ deasserted, if there is valid
data in the Receive FIFO to be read, successful slave
reads to the Receive FIFO can be executed (indicated
by valid DTV). It is the host’s responsibility to avoid the
overflow situation.
Automatic Pad Stripping
During reception of a frame, the pad field can be
stripped automatically. ASTRP RCV = 1 enables the
automatic pad stripping feature. The pad field will be
stripped before the frame is passed to the FIFO, thus
preserving FIFO space for additional frames. The FCS
field will also be stripped, since it is computed at the
transmitting station based on the data and pad field
characters, and will be invalid for a receive frame that
has the pad characters stripped.
The number of bytes to be stripped is calculated from
the embedded length field (as defined in the IEEE
802.3 definition) contained in the packet. The length
indicates the actual number of LLC data bytes con-
tained in the message. Any received frame which con-
tains a length field less than 46 bytes will have the pad
field stripped. Receive frames which have a length field
of 46 bytes or greater will be passed to the host
unmodified.
Since any valid Ethernet Type field value will always be
greater than a normal 802.3 Length field, the MACE
device will not attempt to strip valid Ethernet frames.
Note that for some network protocols, the value passed
in the Ethernet Type and/or 802.3 Length field is not
compliant with either standard and may cause
problems.
The diagram below shows the byte/bit ordering of the
received length field for an 802.3 compatible frame
format.
Receive FCS Checking
Reception and checking of the received FCS is per-
formed automatically by the MACE device. Note that if
the Automatic Pad Stripping feature is enabled,
the received FCS will be verified against the value
computed for the incoming bit stream including pad
characters, but it will not be passed through the Re-
ceive FIFO to the host. If an FCS error is detected, this
will be reported by the FCS bit (bit 4) in the Receive
Frame Status.
Receive Status Information
The EOF indication signals that the last byte/word of
data has been passed from the FIFO for the specific
frame. This will be accompanied by a RCVINT indica-
tion in the the Interrupt Register signaling that the
Receive Frame Status has been updated, and must be
Preamble
1010....1010
SYNCH
10101011
Dest.
ADDR.
SRCE.
ADDR.
Length
LLC
DATA
Pad
FCS
56
Bits
8
Bits
6
Bytes
6
Bytes
2
Bytes
46–1500
Bytes
4
Bytes
Most
Significant
Byte
Least
Significant
Byte
Bit
0
Bit
7
Start of Packet
at Time= 0
Increasing Time
Bit
7
Bit
0
45–0
Bytes
1–1500
Bytes
16235D-9
802.3 Packet and Length Field Transmission Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com