Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 60Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 61Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 66Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 67Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
64
Am79C940
the MACE device regardless of
the state of the RCVCCO bit, if
RCVCCOM is set. It is cleared
by activation of the RESET pin
or SWRST bit.
Bit 3
RNTPCOM Runt Packet Count Overflow
Mask. RNTPCOM is the mask
for
RNTPCO
(Runt
Packet
Count Overflow). The INTR pin
will not be asserted by the
MACE device regardless of the
state of the RNTPCO bit, if
RNTPCOM is set. It is cleared by
activation of the RESET pin or
SWRST bit.
Bit 2
MPCOM
Missed Packet Count Overflow
Mask. MPCOM is the mask for
MPCO (Missed Packet Count
Overflow). The INTR pin will not
be asserted by the MACE device
regardless of the state of the
MPCO bit, if MPCOM is set. It is
cleared by activation of the
RESET pin or SWRST bit.
Bit 1
RCVINTM
Receive
Interrupt
Mask.
RCVINTM
is
the
mask
for
RCVINT. The INTR pin will not
be asserted by the MACE device
regardless of the state of the
RCVINT bit, if RCVINTM is set. It
is cleared by activation of the
RESET pin or SWRST bit.
Bit 0
XMTINTM
Transmit
Interrupt
Mask.
XMTINTM
is
the
mask
for
XMTINT. The INTR pin will not
be asserted by the MACE device
regardless of the state of the
XMTINT bit, if XMTINT is set. It
is cleared by activation of the
RESET pin or SWRST bit
.
Poll Register (PR)
(REG ADDR 10)
This register contains copies of internal status bits to
simplify a host implementation which is non-interrupt
driven. The register is read only, and its status is unaf-
fected by read operations. All register bits are cleared
by hardware or software reset. Bit assignments are as
follows:
Bit
Name
Description
Bit 7
XMTSV
Transmit Status Valid. Transmit
Status Valid indicates that the
Transmit Frame Status is valid.
Bit 6
TDTREQ
Transmit
Data
Transfer
Request. An internal indication
of the current request status of
the Transmit FIFO. TDTREQ is
set when the external TDTREQ
signal is asserted.
Bit 5
RDTREQ
Receive Data Transfer Request.
An internal indication of the cur-
rent
request
status
of
the
Receive FIFO. RDTREQ is set
when the external RDTREQ
signal is asserted.
Bit 4-0
RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
BIUConfigurationControl(BIUCC)
(REGADDR11)
All bits within the BIU Configuration Control register will
be set to their default state upon a hardware or soft-
ware reset. Bit assignments are as follows:
Bit
Name
Description
Bit 7
RES
Reserved. Read as zero. Always
write as zero.
Bit 6
BSWP
Byte Swap. The BSWP function
allows data to and from the
FIFOs to be orientated accord-
ing to little endian or big endian
byte
ordering
conventions.
BSWP is cleared by by activa-
tion of the RESET pin or SWRST
bit,
defaulting
to
Intel
byte
ordering.
Bit 5-4
XMTSP
Transmit Start Point. XMTSP
[1-0]
controls
the
point
preamble
transmission
commences
in
relation to the number of bytes
written to the XMTFIFO. When
the entire frame is in the XMT-
FIFO (or the XMTFIFO becomes
full
before
the
threshold
is
achieved), transmission of pre-
amble will start regardless of the
value in XMTSP (once the IPG
time has expired). XMTSP is
given a value of 10 (64 bytes)
after hardware or software reset.
Regardless of XMTSP, the FIFO
will not internally over write its
data until at least 64 bytes, or the
entire frame, has been transmit-
ted
onto
the
network.
This
ensures that for collisions within
the slot time window, transmit
data need not be re-written to
the XMTFIFO, and re-tries will
be handled autonomously by the
MACE device.
XMTSV
TDTREQ
RDTREQ
RES
RES
RES
RES
RES
RES
BSWP XMTSP [1-0]
RES
RES
RES
SWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com