Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 40Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 41Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 42Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 43Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 44Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 45Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 46Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 47Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 144 page
background image
44
Am79C940
Positive Link Test pulses are defined as received signal
with a positive amplitude greater than 520 mV (LRT =
LOW) with a pulse width of 60 ns-200 ns. This positive
excursion may be followed by a negative excursion.
This definition is consistent with the expected received
signal at a correctly wired receiver, when a Link Test
pulse which fits the template of Figure 14-12 in the
10BASE-T Standard is generated at a transmitter and
passed through 100 m of twisted pair cable.
Negative Link Test pulses are defined as received sig-
nals with a negative amplitude greater than 520 mV
(LRT = LOW) with a pulse width of 60 ns-200 ns. This
negative excursion may be followed by a positive ex-
cursion. This definition is consistent with the expected
received signal at a reverse wired receiver, when a
Link Test pulse which fits the template of Figure 14-12
in the 10BASE–T Standard is generated at a transmit-
ter and passed through 100 m of twisted pair cable.
The polarity detection/correction algorithm will remain
armed until two consecutive packets with valid ETD of
identical polarity are detected. When armed, the
receiver is capable of changing the initial or previous
polarity configuration based on the most recent ETD
polarity.
On receipt of the first packet with valid ETD following
reset or Link Fail, the MACE device will utilize the
inferred polarity information to configure its RXD
±
input, regardless of its previous state. On receipt of a
second packet with a valid ETD with correct polarity,
the detection/correction algorithm will lock-in the
received polarity. If the second (or subsequent) packet
is not detected as confirming the previous polarity
decision, the most recently detected ETD polarity will
be used as the default. Note that packets with invalid
ETD have no effect on updating the previous polarity
decision. Once two consecutive packets with valid ETD
have been received, the MACE device will disable the
detection/correction algorithm until either a Link Fail
condition occurs or a hardware or software reset
occurs.
During polarity reversal, the RXPOL pin should be
externally pulled HIGH and the Reversed Polarity bit
(REVPOL in the PHY Configuration Control register)
will be set. During normal polarity conditions, the
RXPOL pin is driven LOW (capable of directly driving a
Polarity OK LED using an integrated 12 mA driver) and
the REVPOL bit will be cleared.
If desired, the polarity correction function can be dis-
abled by setting the Disable Auto Polarity Correction bit
(DAPC bit in the PHY Configuration Control register).
However, the polarity detection portion of the algorithm
continues to operate independently, and the RXPOL
pin and the REVPOL bits will reflect the polarity state of
the receiver.
Twisted Pair Interface Status
Three outputs (TXEN, RXCRS and CLSN) indicate
whether the MACE device is transmitting (MENDECto
Twisted Pair), receiving (Twisted Pair to MENDEC), or
in a collision state with both func tions activ e
simultaneously.
The MACE device will power up in the Link Fail state.
The normal algorithm will apply to allow it to enter the
Link Pass state. On power up, the TXEN, RXCRS and
CLSN) pins will be in a high impedance state until they
are enabled by setting the Enable PLS I/O bit
(ENPLSIO in the PLS Configuration Control register)
and the 10BASE-T port enters the Link Pass state.
In the Link Pass state, transmit or receive activity which
passes the pulse width/amplitude requirements of the
DO
± or RXD± inputs, will be indicated by the TXEN or
RXCRS pin respectively going active. TXEN, RXCRS
and CLSN are all asserted during a collision.
In the Link Fail state, TXEN, RXCRS and CLSN
are inactive.
In jabber detect mode, the MACE device will activate
the CLSN pin, disable TXEN (regardless of Manches-
ter data output from the MENDEC), and allow the
RXCRS pin to indicate the current state of the RXD
±
pair. If there is no receive activity on RXD
±, only CLSN
will be active during jabber detect. If there is RXD
± ac-
tivity, both CLSN and RXCRS will be active.
If the SLEEP pin is asserted (regardless of the pro-
gramming of the AWAKE or RWAKE bits in the PHY
Configuration Control register), the TXEN, RXCRS and
CLSN outputs will be placed in a high impedance state.
Collision Detect Function
Simultaneous activity (presence of valid data signals)
from both the internal MENDEC transmit function (indi-
cated externally by TXEN active) and the twisted pair
RXD
± pins constitutes a collision, thereby causing an
external indication on the CLSN pin, and an internal
indication which is returned to the MAC core. The
TXEN, RXCRS and CLSN pins are driven high during
collision.
Signal Quality Error (SQE) Test (Heartbeat)
Function
The SQE Test message (a 10 MHz burst normally
returned on the AUI CI
± pair at the end of every trans-
mission) is intended to be a self-test indication to the
DTE that the MAU collision circuitry is functional and
the AUI cable/connection is intact. This has minimal
relevance when the 10BASE-T MAU is embedded in
the LAN controller. A Collision Error (CERR bit in the In-
terrupt Register) will be reported only when the
10BASE-T port is in the link fail state, since the collision
circuit of the MAU will be disabled, causing the
absence of the SQE Test message. In GPSI mode the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com