Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 66Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 67Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 68Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 69Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 70Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 71Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
68
Am79C940
PORTSEL Interface Definition
Bit 0
ENPLSIO
Enable PLS I/O. ENPLSIO is
used to enable the optional I/O
functions from the PLS function.
The following pins are affected
by the ENPLSIO bit: RXCRS,
RXDAT,
TXEN,
TXDAT+,
TXDAT-,
CLSN,
STDCLK,
RDCLK and SRD. Note that if an
external SIA is being utilized via
the GPSI, PORTSEL [1–0] = 11
must be programmed before
ENPLSIO is set, to avoid con-
tention of clock, data and/or
carrier indicator signals.
PHY Configuration
Control (PHYCC)
(REG ADDR 15)
All bits within the PHY Configuration Control register
with the exception of LNKFL, are cleared by hardware
or software reset. Bit assignments are as follows:
Bit
Name
Description
Bit 7
LNKFL
Link Fail. Reports the link integ-
rity of the 10BASE–T receiver.
When the link test function is
enabled (DLNKTST = 0), the
absence of link beat pulses on
the RXD
± pair will cause the
integrated 10BASE–T transceiv-
er to go into the link fail state. In
the link fail state, data transmis-
sion, data reception, data loop-
back and the collision detection
functions
are
disabled,
and
remain disabled until valid data
or >5 consecutive link pulses
appear on the RXD
± pair. During
link fail, the LNKFL bit will be set
and the LNKST pin should be
externally pulled HIGH. When
the link is identified as function-
al, the LNKFL bit will be cleared
and the LNKST pin is driven
LOW, which is capable of direct-
ly driving a Link OK LED. In
order to inter-operate with sys-
tems which do not implement
Link Test, this function can be
disabled
by
setting
the
DLNKTST bit. With Link Test
disabled (DLNKTST = 1), the
data driver, receiver and loop-
back functions as well as colli-
sion detection remain enabled
irrespective of the presence or
absence of data or link pulses on
the RXD
± pair. The transmitter
will continue to generate link
beat pulses during periods of
transmit data inactivity. Set by
hardware or software reset.
Bit 6
DLNKTST
Disable Link Test. When set, the
integrated 10BASE–T transceiv-
er will be forced into the link pass
state, regardless of receive link
test pulses or receive packet
activity.
Bit 5
REVPOL
Reversed Polarity. Indicates the
receive polarity of the RD
± pair.
When normal polarity is detect-
ed, the REVPOL bit will be
cleared, and the RXPOL pin
(capable of driving a Polarity OK
LED) will be driven LOW. When
reverse polarity is detected, the
REVPOL bit will be set, and the
RXPOL pin should be externally
pulled HIGH.
Bit 4
DAPC
Disable Auto Polarity Correction.
When set, the automatic polarity
correction
will
be
disabled.
Polarity detection and indication
will still be possible via the
RXPOL pin.
Bit 3
LRT
Low Receive Threshold. When
set, the threshold of the twisted
pair receiver will be reduced by
4.5 dB, to allow extended dis-
tance operation.
Bit 2
ASEL
Auto Select. When set, the
PORTSEL [1-0] bits are overrid-
den, and the MACE device will
automatically select the operat-
ing media interface port. When
the 10BASE–T transceiver is in
the link pass state (due to receiv-
ing valid packet data and/or Link
Test pulses or the DLNKTST bit
is set), the 10BASE-T port will be
used. When the 10BASE–T port
is in the link fail state, the AUI
port will be used. Switching
between the ports will not occur
during transmission in order to
avoid any type of fragment
generation.
Bit 1
RWAKE
Remote Wake. When set prior to
the SLEEP pin being activated,
the AUI and 10BASE–T receiver
sections and the EADI port will
PORTSEL
[1–0]
Active
Interface
DXCVR Pin
00
AUI
LOW
01
10BASE–THIGH
10
DAI Port
HIGH
11
GPSI
LOW
LNKFL
DLNKTST
REVPOL
DAPC
LRT
ASEL
RWAKE
AWAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com