Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 42Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 43Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 44Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 45Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 46Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 47Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 48Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 49Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
46
Am79C940
available. EAR must have a pulse width of at least
200 ns.
Note that setting the PROM bit (MAC Configuration
Control) will cause all receive packets to be received,
regardless of the programming of M/R or the state of
the EAM/R input. The following table summarizes the
operation of the EADI features.
Internal/External Address Recognition Capabilities
General Purpose Serial Interface (GPSI)
The GPSI port provides the signals necessary to
present an interface consistent with the non encoded
data functions observed to/from a LAN controller such
as the Am7990 Local Area Network Controller for
Ethernet (LANCE). The actual GPSI pins are function-
ally identical to some of the pins from the DAI and the
EADI ports, the GPSI replicates this type of interface.
The GPSI allows use of an external Manchester
encoder/decoder, such as the Am7992B Serial Inter-
face Adapter (SIA). In addition, it allows the MACE
device to be used as a MAC sublayer engine in a
repeater based on the Am79C980 Integrated Multiport
Repeater (IMR). Simple connection to the IMR Expan-
sion Bus allows the MAC to view all packet data pass-
ing through a number of interconnected IMRs, allowing
statistics and network management information to
be collected.
The GPSI functional pins are duplicated as follows:
Pin Configuration for GPSI Function
IEEE 1149.1 Test Access Port Interface
An IEEE 1149.1 compatible boundary scan Test
Access Port is provided for board level continuity test
and diagnostics. All digital input, output and input/out-
put and input/output pins are tested. Analog pins,
including the AUI differential driver (DO
±) and receiv-
ers DI
±, CI±), and the crystal input (XTAL1/XTAL2)
pins, are not tested.
The following is a brief summary of the IEEE 1149.1
compatible test functions implemented in the MACE
device. For additional details, consult the IEEE Stan-
dard Test Access Port and Boundary-Scan Architec-
ture document (IEEE Std 1149.1–1990).
The boundary scan test circuit requires four pins (TCK,
TMS, TDI and TDO ), defined as the Test Access Port
(TAP). It includes a finite state machine (FSM), an
instruction register, a data register array and a power
on reset circuit. Internal pull-up resistors are provided
for the TCK, TDI and TMS pins.
The TAP engine is a 16 state FSM, driven by the Test
Clock (TCK) and the Test Mode Select (TMS) pins. An
independent power on reset circuit is provided to
ensure the FSM is in the TEST_LOGIC_RESET state
at power up.
In addition to the minimum IEEE 1149.1 instruction
requirements (EXTEST, SAMPLE and BYPASS), three
additional instructions (IDCODE, TRI_ST and SET_I/
O) are provided to further ease board level testing. All
unused instruction codes are reserved.
IEEE 1149.1 Supported Instruction Summary
PROM
M/R
EAM/R
Required Timing
Received Messages
1
X
X
No timing requirements
All Received Frames
0
0
H
No timing requirements
All Received Frames
00
↓
Low for 200 ns within 512-bits after SFD
Physical/Logical/Broadcast Matches
0
1
H
No timing requirements
Physical/Logical/Broadcast Matches
01
↓
Low for 200 ns within 8-bits after DA field
All Received Frames
Function
Type
LANCE
Pin
MACE
Pin
Receive Data
I
RX
RXDAT
Receive Clock
I
RCLK
SRDCLK
Receive Carrier Sense
I
RENA
RXCRS
Collision
I
CLSN
CLSN
Transmit Data
O
TX
TXDAT+
Transmit Clock
I
TCK
STDCLK
Transmit Enable
O
TENA
TXEN
Inst
ame
Description
Selected
Data Reg
Reg
Mode
Inst
Code
EXTEST External Test
BSR
Test
0000
IDCode
ID Code Inspection
ID Reg
Normal
0001
Sample
Sample Boundary
BSR
Normal
0010
TRI_ST
Force Tristate
Bypass
Normal
0011
SET_I/0
Control
BoundaryTo I/0
Bypass
Test
0100
Bypass
Bypass Scan
Bypass
Normal
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com