Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 55Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 56Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 57Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 58Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 59Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 60Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 61Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 144 page
background image
Am79C940
59
re-asserted until the XMTFS has
been read. The MACE device
does not retry after a late
collision.
Bit 4
MORE
More. Indicates that more than
one retry was needed to transmit
the frame. ONE, MORE and
RTRY are mutually exclusive.
Bit 3
ONE
One. Indicates that exactly one
retry was needed to transmit the
frame. ONE, MORE and RTRY
are mutually exclusive.
Bit 2
DEFER
Defer.
Indicates
that
MACE
device had to defer transmission
of the frame. This condition
results if the channel is busy
when the MACE device is ready
to transmit.
Bit 1
LCAR
Loss of Carrier. Indicates that
the carrier became false during
a
transmission.
The
MACE
device does not retry upon Loss
of Carrier. LCAR will not be set
when the DAI port is selected,
when the 10BASE-T port is se-
lected and in the link pass state,
or during any internal loopback
mode. When the 10BASE-T port
is selected and in the link fail
state, LCAR will will be reported
for any transmission attempt.
Bit 0
RTRY
Retry Error. Indicates that all
attempts to transmit the frame
were unsuccessful, and that fur-
ther attempts have been abort-
ed. If Disable Retry (DRTRY in
the Transmit Frame Control reg-
ister) is cleared, RTRY will be
set when a total of 16 unsuc-
cessful attempts were made to
transmit the frame. If DRTRY is
set, RTRY indicates that the first
and only attempt to transmit the
frame was unsuccessful. ONE,
MORE and RTRY are mutually
exclusive.
If
RTRY
is
set,
TDTREQ will be de-asserted,
and will not be re-asserted until
the XMTFS has been read.
Transmit Retry Count (XMTRC)
(REG ADDR 4)
The Transmit Retry Count should be read only in
response to a hardware interrupt request (INTR
asserted) when XMTINT is set in the Interrupt Register,
or after XMTSV is set in the Poll Register.The register
should be read before the Transmit Frame Status
register. Reading the Transmit Frame Status with
XMTSV set will cause the XMTRC value to be reset.
This register is read only.
Bit
Name
Description
Bit 3-0
EXDEF
Excessive Defer. The EXDEF bit
will be set if a transmit frame
waited for an excessive period
for transmission. An excessive
defer time is defined in accor-
dance with the following (from
page 34, section 5.2.4.1 of IEEE
Std 802.3h-1990 Layer Manage-
ment):maxDeferTime
=
{2
x
(max frame size x 8)} bits where
maxFrameSize = 1518 bytes
(from page 68, section 4.4.2.1 of
ANSI/IEEE
Std
802.3-1990).
So, the maxDeferTime = 24288
bits = 214+ 212 + 211+ 210 + 29
+2
7 +26 +25
Bit 6-4
RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
Bit 3-0
XMTRCTransmit Retry Count.
Contains
[3-0]
the count of the number of retry
attempts made by the MACE
device to transmit the current
transmit packet. The value of the
counter will be zero if the first
transmission attempt was suc-
cessful, and a maximum of 15 if
all retry attempts were utilized.
RTRY will be set in Transmit
Frame Status if all 16 attempts
were unsuccessful.
Receive Frame Control (RCVFC)
(REG ADDR 5)
Bit
Name
Description
Bit 7-4
RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
Bit 3
LLRCV
Low
Latency
Receive.
A
programmable option to allow
access to the Receive FIFO
before the 64-byte threshold has
been reached. When set, data
can be read from the RCVFIFO
once a low threshold (12-bytes
after SFD plus synchronization)
has been exceeded, causing
RDTREQ
to
be
asserted.
RDTREQ will remain asserted
as long as one read cycle can be
performed
on
the
RCVFIFO
(identical to the burst mode).
Indication of a valid read cycle
from the RCVFIFO will return
DTV
asserted.
Reading
the
RCVFIFO before data is avail-
able, or while waiting for addi-
EXDEF
RES
RES
RES
XMTRC[3-0]
RES
RES
RES
RES
LLRCV
M/R
RES
ASTRPRCV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com