Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 88Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 89Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 90Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 91Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 92Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 93Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 94Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 95Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
92
DC CHARACTERISTICS (Continued)
Notes:
1. VOH does not apply to open-drain output pins.
2. IIL1 and IIL2 applies to all input only pins except DI±, CI±, and XTAL1.
IIL1 = ADD4–0, BE1–0, CS, EAM/R, FDS, RESET, RXDAT, R/W, SCLK.
IIL2 =TC, TDI, TCK, TMS.
3. Specified for input only pins with internal pull-ups: TC, TDI, TCK, TMS.
4. IOZ applies to all three-state output pins and bi-directional pins.
5. Test not implemented to data sheet specification.
6. Tested, but to values in excess of limits. Test accuracy not sufficient to allow screening guard bands.
7. During the activation of SLEEP:
–The following pins are placed in a high impedance state: SRD, SF/BD, TXDAT, DXCVR, DTV, TDTREQ, RDTREQ, NTR
and TDO.
–The following I/O pins are placed in a high impedance mode and have their internal TTL level translators disabled:
DBUS15–0, EOF, SRDCLK, RXCRS, RXDAT, CLSN, TXEN, STDCLK and TXDAT+.
–The following input pin has its internal pull-up and TTL level translator disabled: TC.
–The following input pins have their internal TTL level translators disabled and do not have internal pull-ups: CS, FDS,
R/W, ADD4-0, SCLK, BE0, BE1 and EAM/R.
–The following pins are pulled low: XTAL1 (XTAL2 feedback is cut off from XTAL1), TXD+, TXD–, TXP+, TXP–, DO+
and DO.
–The following pins have their input voltage bias disabled: DI+, DI, CI+ and CI.
–AWAKE and RWAKE are reset to zero. IDDSLEEP, with either AWAKE set or RWAKE set, will be much higher and its
value remains to be determined.
8. Parameter not tested.
9. For industrial temperature version, Max value is –150
µA.
10. For industrial temperature version, Max value is +150
µA.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VLTHS–
RXD Post-Squelch
Negative Threshold (Peak)
LRT = LOW
–156
–90
mV
VRXDTH
RXD Switching Threshold
(Note 4)
–35
35
mV
VTXH
TXD
± and TXD± Output
HIGH Voltage
DVSS = 0V
DVDD –0.6
DVDD
V
VTXL
TXD
± and TXD± Output
LOW Voltage
DVDD = +5V
DVSS
DVSS + 0.6
V
VTXI
TXD
± and TXD± Differential
Output Voltage Imbalance
–40
+40
mV
VTXOFF
TXD
± and TXD± Idle Output
Voltage
DVDD = +5V
40
mV
RTX
TXD
± Differential Driver Output
Impedance
(Note 8)
40
Ω
TXD
± Differential Driver Output
Impedance
(Note 8)
80
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com