Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 91 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 91 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 87Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 88Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 89Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 90Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 91Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 92Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 93Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 94Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
91
DC CHARACTERISTICS (Continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
IAODOFF
Transmit Differential
Output Idle Current
RL = 78 Ω
–1+1
mA
VAOCM
DO
± Common Mode
Output Voltage
RL = 78 Ω
2.5
AVDD
V
VODI
DO
± Differential Output
Voltage Imbalance
RL = 78 Ω (Note 6)
–25
25
mV
VATH
Receive Data Differential
Input Threshold
RL = 78 Ω (Note 6)
–35
35
mV
VASQ
DI
± and CI± Differential
Input Threshold Squelch
RL = 78 Ω (Note 6)
–160
–275
mV
VIRDVD
DI
± and CI± Differential
Mode Input Voltage Range
1.5
V
VICM
DI
± and CI± Input Bias
Voltage
IIN= 0 mA
AVDD –3.0
AVDD –0.8
V
VOPD
DI
± Undershoot Voltage at Zero
Differential on Transmit Return
to Zero (ETD)
(Note 5)
–100
mV
IDD
Power Supply Current
SCLK = 25 MHz
XTAL1 = 20 MHz
75
mA
IDDSLEEP
Power Supply Current
SLEEP Asserted, AWAKE = 0
RWAKE = 1 (Note 7)
100
µA
IDDSLEEP
Power Supply Current
SLEEP Asserted, AWAKE = 1
RWAKE = 0 (Note 7)
10
mA
IDDSLEEP
Power Supply Current
SLEEP Asserted, AWAKE = 0
RWAKE = 1 (Note 7)
20
mA
Twisted Pair Interface
IIRXD
Input Current at RXD
±
AVSS< VIN < AVDD
–500
500
µA
RRXD
RXD
± Differential Input
Resistance
(Note 8)
10
K
Ω
VTIVB
RXD
±, RXD– Open Circuit
Input Voltage (Bias)
IIN= 0 mA
AVDD –3.0
AVDD –1.5
V
VTIDV
Differential Mode Input
Voltage Range (RXD
±)
AVDD= +5V
–3.1
+3.1
V
VTSQ+
RXD Positive Squelch
Threshold (Peak)
Sinusoid
5 MHz
≤ f ≤10 MHz
300
520
mV
VTSQ–
RXD Negative Squelch
Threshold (Peak)
Sinusoid
5 MHz
≤ f ≤10 MHz
–520
–300
mV
VTHS+
RXD Post-Squelch
Positive Threshold (Peak)
Sinusoid
5 MHz
≤ f ≤10 MHz
150
293
mV
VTHS–
RXD Post-Squelch
Negative Threshold) (Peak)
Sinusoid
5 MHz
≤ f ≤10 MHz
–293
–150
mV
VLTSQ+
RXD Positive Squelch
Threshold (Peak)
LRT = LOW
180
312
mV
VLTSQ–
RXD Negative Squelch
Threshold (Peak)
LRT = LOW
–312
–180
mV
VLTHS+
RXD Post-Squelch Positive
Threshold (Peak)
LRT = LOW
90
156
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com