Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 89Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 90Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 91Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 92Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 93Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 94Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 95Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 96Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 144 page
background image
93
AC CHARACTERISTICS (Unless otherwise noted, parametric values are the same
between Commercial devices and Industrial devices.)
Notes:
1. The following BIU timing assumes that EDSEL = 1. Therefore, these parameters are specified with respect to the falling edge
of SCLK (SCLK
↓). If EDSEL = 0, the same parameters apply but should be referenced to the rising edge of SCLK ↑).
2. Tested with CL set at 100 pF and derated to support the Indicated distributed capacitive Load. See the BIU output valid delay
vs. Load Chart.
3. Guaranteed by design–not tested.
4. tDATD is defined as the time required for outputs to turn high impedence and is not referred to as output voltage lead.
No.
Parameter
Symbol
Parameter Description
Test Conditions
Min (ns)
Max (ns)
Clock and Reset Timing
1tSCLK
SCLK period
40
1000
2tSCLKL
SCLK LOW pulse width
0.4*tSCLK
0.6*tSCLK
3tSCLKH
SCLK HIGH pulse width
0.4*tSCLK
0.6*tSCLK
4tSCLKR
SCLK rise time
5
5tSCLKF
SCLK fall time
5
6tRST
RESET pulse width
15*tSCLK
7tBT
Network Bit Time (BT)=2*tX1 or tSTDC
99
101
Internal MENDEC Clock Timing
9tX1
XTAL1 period
49.995
50.005
11
tX1H
XTAL1 HIGH pulse width
20
12
tX1L
XTAL1 LOW pulse width
20
13
tX1R
XTAL1 rise time
5
14
tX1F
XTAL1 fall time
5
BIU TIMING (Note 1)
31
tADDS
Address valid setup to SCLK
↓
9
32
tADDH
Address valid hold after SCLK
↓
2
1. 33
tSLVS
CS or FDS and TC, BE1–0,
R/W setup to SCLK
↓
9
34
tSLVH
CS or FDS and TC, BE1–0,
R/W hold after SCLK
↓
2
35
tDATD
Data out valid delay from SCLK
↓
CL = 100 pF (Note 2)
32
36
tDATH
Data out valid hold from SCLK
↓
6
37
tDTVD
DTV valid delay from SCLK
↓
CL = 100 pF (Note 2)
32
38
tDTVH
DTV valid hold after SCLK
↓
6
39
tEOFD
EOF valid delay from SCLK
↓
CL = 100 pF (Note 2)
32
40
tEOFH
EOF output valid hold after SCLK
↓
6
41
tCSIS
CS inactive prior to SCLK
↓
9
42
tEOFS
EOF input valid setup to SCLK
↓
9
43
tEOFH
EOF input valid hold after SCLK
↓
2
44
tRDTD
RDTREQ valid delay from SCLK
↓
CL = 100 pF (Note 2)
32
45
tRDTH
RDTREQ input valid hold after SCLK
↓
6
46
tTDTD
TDTREQ valid delay from SCLK
↓
CL = 100 pF (Note 2)
32
47
tTDTH
TDTREQ input valid hold after SCLK
↓
6
48
tDATS
Data in valid setup to SCLK
↓
9
49
tDATIH
Data in valid setup after SCLK
↓
2
50
tDATE
Data output enable delay from SCLK
↓ (Note
3)
0
51
tDATD
Data output disable delay from SCLK
↓ (Note
3, 4)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com