Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 74Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 75Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 76Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 77Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 78Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 79Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
78
Programmer’s Register Model (continued)
Addr
Mnemonic
Contents
R/W
12
FIFOCC
FIFO Configuration Control
C0
XMTFW
Transmit FIFO Watermark (2 bits)
00
Assert TDTREQ after 8 write cycles can be made
01
Assert TDTREQ after 16 write cycles can be made
10
Assert TDTREQ after 32 write cycles can be made
11
XX
30
RCVFW
Receive FIFO Watermark (2 bits)
00
Assert RDTREQ after 16 bytes are present
01
Assert RDTREQ after 32 bytes are present
10
Assert RDTREQ after 64 bytes are present
11
XX
08
XMTFWU
Transmit FIFO Watermark Update–loads XMTFW bits
04
RCVFWU
Receive FIFO Watermark Update–loads
RCVFW bits
02
XMBRST
Select Transmit Burst mode
01
RCVBRST
Select Receive Burst mode
R/W
13
MACCC
Media Access Control (MAC) Configuration Control
80
PROM
Promiscuous mode
40
DXMT2PD
Disable Transmit Two Part Deferral
20
EMBA
Enable Modified Back-off Algorithm
10
–
08
DRCVPA
Disable Receive Physical Address
04
DRCVBC
Disable Receive Broadcast
02
ENXMT
Enable Transmit
01
ENRCV
Enable Receive
R/W
14
PLSCC
Physical Layer Signalling (PLS) Configuration Control
08
XMTSEL
Transmit Mode Select: 1➔ DO
± =1 during IDLE
06
PORTSEL [1:0]–Port Select (2 bits)
00
AUI selected
01
10BASE-T selected
10
DAI port selected
11
GPSI selected
01
ENPLSIO
Enable Status
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com