Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 68Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 69Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 70Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 71Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 72Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 73Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 74Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 75Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 144 page
background image
72
Bit
Name
Description
Bit 7
RTRE
Reserved Test Register Enable.
Access to the Reserved Test
Registers should not be attempt-
ed by the user. Note that
access to the Reserved Test
Register may cause damage
to the MACE device if config-
ured in a system board appli-
cation. Access to the Reserved
Test
Register
is
prevented,
regardless of the state of RTRE,
once RTRD has been set. RTRE
is cleared by activation of the
RESET pin or SWRST bit.
Bit 6
RTRD
Reserved Test Register Disable.
When
set,
access
to
the
Reserved
Test
Registers
is
inhibited, and further writes to
the
RTRD
bit
are
ignored.
Access to the Reserved Test
Register is prevented, regard-
less of the state of RTRE, once
RTRD has been set. RTRD can
only be cleared by hardware or
software reset.
Bit 5
RPA
Runt
Packet
Accept.
Allows
receive packets which are less
than the legal minimum as spec-
ified by IEEE 802.3/Ethernet, to
be passed to the host interface
via
the
Receive
FIFO. The
receive packets must be at least
8 bytes (after SFD) in length to
be accepted. RPA is cleared by
activation of the RESET pin or
SWRST bit.
Bit 4
FCOLL
Force Collision. Allows the colli-
sion logic to be tested. The
MACE device should be in an
internal loopback test for the
FCOLL test. When FCOLL = 1, a
collision will be forced during the
next transmission attempt. This
will result in 16 total transmis-
sion attempts (if DRTRY = 0)
with the Retry Error reported in
the Transmit Frame Status reg-
ister. FCOLL is cleared by the
activation of the RESET pin or
SWRST bit.
Bit3
RCVFCSE
Receive FCS Enable. Allows the
hardware associated with the
FCS generation to be allocated
to the transmitter or receiver dur-
ing loopback diagnostics. When
clear, the FCS will be generated
and appended to the transmit
message (providing that DXMT-
FCS in the Transmit Frame Con-
trol is clear), and received after
the loopback process through
the Receive FIFO. When set, the
hardware associated with the
FCS generation is allocated to
the receiver. A transmit packet
will be assumed to contain the
FCS in the last four bytes of the
frame
passed
through
the
Transmit FIFO. The received
frame will have the FCS calcu-
lated on the data field and com-
pared with the last four bytes
contained in the received mes-
sage. An FCS error will be
flagged in the Received Status
(RFS1) if the received and cal-
culated values do not match.
RCVFCSE is only valid when in
any one of the loopback modes
as defined by LOOP [0–1]. Note
that if the receive frame is
expected to be recognized on
the basis of a multicast address
match, the FCS logic must be
allocated
to
the
receiver
(RCVFCSE = 1). RCVFCSE is
cleared by activation of the
RESET pin or SWRST bit.
Bit 2-1
LOOP [1-0] Loopback Control. The loopback
functions
allow
the
MACE
device to receive its own trans-
mitted frames. Three levels of
loopback are provided as shown
in the following table. During
loopback operation a multicast
address can only be recognized
if RCVFCSE = 1. LOOP [0-1] are
cleared by activation of the
RESET pin or SWRST bit
Loopback Functions
External
loopback
allow
the
MACE device to transmit to the
physical medium, using either
the AUI, 10BASE–T, DAI or
GPSI port, dependent on the
PORTSEL [1–0] bits in the PLS
Configuration Control register.
Using the internal loopback test
will ensure that transmission
Loop [1–0]
Function
00
No Loopback
01
External Loopback
10
Internal Loopback, excludes
MENDEC
11
Internal Loopback, includes
MENDEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com