Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 62Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 63Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 64Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 65Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 66Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 67Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 68Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 69Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 144 page
background image
66
Am79C940
Transmit FIFO Watermark bits.
The XMTFW can be written at
any point, and will be read back
as written. However, the new
value in the XMTFW bits will be
ignored until XMTFWU is set (or
the transmit path is reset due to
a retry failure). The recommend-
ed procedure to change the
XMTFW is to write the new value
with XMTFWU set, in a single
write
cycle.
The
XMTFIFO
should be empty and all transmit
activity complete before attempt-
ing a watermark update, since
the XMTFIFO will be reset to
allow the new pointer values to
be loaded. It is recommended
that the transmitter be disabled
by clearing the ENXMT bit.
XMTFWU will be cleared by the
MACE device after the new
XMTFW value has been loaded,
or by activation of the RESET
pin or SWRST bit.
Bit 2
RCVFWU
Receive
FIFO
Watermark
Update. Allows update of the
Receive FIFO Watermark bits.
The RCVFW bits can be written
at any point, and will read back
as written. However, the new
value in the RCVFW bits will be
ignored until RCVFWU is set.
The recommended procedure to
change the RCVFW is to write
the new value with RCVFWU
set, in a single write cycle. The
RCVFIFO
should
be
empty
before attempting a watermark
update, since the RCVFIFO will
be reset to allow the new pointer
values to be loaded. It is recom-
mended that the receiver be dis-
abled by clearing the ENRCV
bit. RCVFWU will be cleared by
the MACE device after the new
RCVFW value has been loaded,
or by activation of the RESET
pin or SWRST bit.
Bit 1
XMTBRST
Transmit Burst. When set, the
transmit burst mode is selected.
The behavior of the Transmit
FIFO
high
watermark,
and
hence
the
de-assertion
of
TDTREQ,
will
be
modified.
TDTREQ will be deasserted if
there are only two bytes of space
available in the XMTFIFO (so
that a full word write can still
occur) or if four bytes of space
exist and the EOF pin is assert-
ed by the host.TDTREQ will be
asserted
identically
in
both
normal and burst modes, when
there is sufficient space in the
XMTFIFO to allow the specified
number of write cycles to occur
(programmed by the XMTFW
bits).
Cleared by activation of the
RESET pin or SWRST bit.
Bit 0
RCVBRST
Receive Burst. When set, the
receive burst mode is selected.
The behavior of the Receive
FIFO low watermark, and hence
the de-assertion of RDTREQ,
will be modified. RDTREQ will
de-assert when there are only
2-bytes of data available in the
RCVFIFO (so that a full word
read can still occur).
RDTREQ will be asserted identi-
cally in both normal and burst
modes, when a minimum of
64-bytes have been received for
a new frame (or a runt packet
has been received and RPA is
set). Once the 64-byte limit has
been exceeded, RDTREQ will
be asserted providing there is
sufficient data in the RCVFIFO
to exceed the threshold, as pro-
grammed by the RCVFW bits.
Cleared by activation of the
RESET pin or SWRST bit.
MAC Configuration
Control (MACCC)
(REG ADDR 13)
This register programs the transmit and receive opera-
tion and behavior of the internal MAC engine. All bits
within the MAC Configuration Control register are
cleared upon hardware or software re set. Bit
assignments are as follows:
Bit
Name
Description
Bit 7
PROM
Promiscuous. When PROM is
set all incoming frames are
received regardless of the desti-
nation
address.
PROM
is
cleared by activation of the
RESET pin or SWRST bit.
Bit 6
DXMT2PD
Disable
Transmit
Two
Part
Deferral. When set, disables the
transmit two part deferral option.
DXMT2PD
is
cleared
by
activation of the RESET pin or
SWRST bit.
Bit 5
EMBA
Enable Modified Back-off Algo-
rithm. When set, enables the
PROM
DXMT2PD
EMBA
RES
DRCVPA
DRCVBC
ENXMT
ENRCV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com