Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940KC/W Datasheet(PDF) 127 Page - Advanced Micro Devices

Part # AM79C940KC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940KC/W Datasheet(HTML) 127 Page - Advanced Micro Devices

Back Button AM79C940KC/W Datasheet HTML 123Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 124Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 125Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 126Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 127Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 128Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 129Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 130Page - Advanced Micro Devices AM79C940KC/W Datasheet HTML 131Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
Am79C940
127
"TXD0:54," &
"TXD1:56," &
"TXDAT1:74," &
"TXEN_L:77," &
"TXP0:53," &
"TXP1:55," &
"XTAL1:58," &
"XTAL2:60";
attribute TAP_SCAN_IN
of TDI : signal is true;
attribute TAP_SCAN_OUT
of TDO : signal is true;
attribute TAP_SCAN_MODE
of TMS : signal is true;
attribute TAP_SCAN_CLOCK of TCK : signal is (1.00e+07, BOTH);
attribute INSTRUCTION_LENGTH of AM79C940 : entity is 4;
attribute INSTRUCTION_OPCODE of AM79C940 : entity is
"BYPASS ( 0110, 0111, 1000, 1001, 1010, 1011, 1100, 1101, 1110," &
" 1111)," &
"EXTEST ( 0000)," &
"IDCODE ( 0001)," &
"SAMPLE ( 0010)," &
"SELFTST ( 0101)," &
"SETBYP ( 0100)," &
"TRIBYP ( 0011)" ;
attribute INSTRUCTION_CAPTURE of AM79C940 : entity is "0001";
attribute INSTRUCTION_DISABLE of AM79C940 : entity is "TRIBYP";
attribute INSTRUCTION_PRIVATE of AM79C940 : entity is
" SELFTST";
attribute IDCODE_REGISTER of AM79C940 : entity is
"0011" &---- version
31-OCT-1996 bumped version from 2 to 3 !
"1001010000000000" &--- part number
"00000000001" &---- manufacturer’s id
"1";----- required by standard
attribute REGISTER_ACCESS of AM79C940 : entity is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com