Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 21Page - Analog Devices AD9915/PCBZ Datasheet HTML 22Page - Analog Devices AD9915/PCBZ Datasheet HTML 23Page - Analog Devices AD9915/PCBZ Datasheet HTML 24Page - Analog Devices AD9915/PCBZ Datasheet HTML 25Page - Analog Devices AD9915/PCBZ Datasheet HTML 26Page - Analog Devices AD9915/PCBZ Datasheet HTML 27Page - Analog Devices AD9915/PCBZ Datasheet HTML 28Page - Analog Devices AD9915/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
Data Sheet
AD9915
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 25 of 51
Table 10. DRCTL Pin Functionality
CFR2[18]
CFR2[17]
Dwell Type
DRCTL Pin Behavior
0
1
Return to upper frequency limit
at end of falling ramp
Edge sensitive. A Logic 1 to Logic 0 transition on the DRCTL pin causes the DRG to initiate
a negative slope ramp, which continues uninterrupted (regardless of any further activity on
the DRCTL pin) until the lower limit is reached.
1
0
Return to lower frequency limit
at end of rising ramp
Edge sensitive. A Logic 0 to Logic 1 transition on the DRCTL pin causes the DRG to initiate
a positive slope ramp, which continues uninterrupted (regardless of any further activity on
the DRCTL pin) until the upper limit is reached.
1
1
Continuous rising and falling
ramp
Edge sensitive. During a positive slope ramp, a Logic 1 to Logic 0 transition on the DRCTL
pin causes the DRG to immediately change the ramp direction to a negative slope using the
negative slope parameters. During a negative slope ramp, a Logic 0 to Logic 1 transition
on the DRCTL pin causes the DRG to immediately change the ramp direction to a positive
slope using the positive slope parameters.
Figure 37. Digital Ramp Generator Detail
DRG Slope Control
The core of the DRG is a 32-bit accumulator clocked by a program-
mable timer. The time base for the timer is the DDS clock, which
operates at 1/16 fSYSCLK. The timer establishes the interval between
successive updates of the accumulator. The positive (+Δt) and
negative (−Δt) slope step intervals are independently programmable
as given by
+Δt= 16PfSYSCLK
−Δt= 16NfSYSCLK
where P and N are the two 16-bit values stored in the 32-bit digital
ramp rate register and control the step interval. N defines the step
interval of the negative slope portion of the ramp. P defines the step
interval of the positive slope portion of the ramp.
The step size of the positive (STEPP) and negative (STEPN) slope
portions of the ramp are 32-bit values programmed into the 32‑bit
rising and falling digital ramp step size registers (0x06 and 0x07).
Program each of the step sizes as an unsigned integer (the hard-
ware automatically interprets STEPN as a negative value). The
relationship between the 32-bit step size values and actual units
of frequency, phase, or amplitude depend on the digital ramp
destination bits. Calculate the actual frequency, phase, or amplitude
step size by substituting STEPN or STEPP for M in the following
equations as required:
FrequencyStep= M232 fSYSCLK
PℎaseStep=πM215(radians)
PℎaseStep=45M213(degrees)
AmplitudeStep= M212 IFS
Note that the frequency units are the same as those that represent
fSYSCLK (MHz, for example). The amplitude units are the same as
those that represent IFS, the full-scale output current of the DAC
(mA, for example).
Although the sweep accumulator has 32 bits of resolution, phase
and amplitude sweeps make use of the 16 LSBs or 12 LSBs of the
sweep accumulator, respectively. Thus, the phase step equations
and the amplitude step equation reflect 16-bit or 12-bit resolution,
accordingly. As such, when programming the associated step size
registers for phase or amplitude sweeps, the user must ensure the
16 MSBs or 20 MSBs, respectively, are programmed with zeros.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com