Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 43Page - Analog Devices AD9915/PCBZ Datasheet HTML 44Page - Analog Devices AD9915/PCBZ Datasheet HTML 45Page - Analog Devices AD9915/PCBZ Datasheet HTML 46Page - Analog Devices AD9915/PCBZ Datasheet HTML 47Page - Analog Devices AD9915/PCBZ Datasheet HTML 48Page - Analog Devices AD9915/PCBZ Datasheet HTML 49Page - Analog Devices AD9915/PCBZ Datasheet HTML 50Page - Analog Devices AD9915/PCBZ Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
Data Sheet
AD9915
REGISTER MAP AND BIT DESCRIPTIONS
analog.com
Rev. G | 47 of 51
Table 19. Bit Descriptions for CFR2
Bit(s)
Mnemonic
Description
[7:0]
Open
Open.
Control Function Register 3 (CFR3)—Address 0x02
Table 20. Bit Descriptions for CFR3
Bit(s)
Mnemonic
Description
[31:23]
Open
Open.
22
PLL input divider reset
0 = disables PLL input divider reset function.
1 = resets the PLL input divider.
[21:20]
PLL input divide value
Divides the input REF CLK signal to the PLL by one of three values (12, 4, 8). Bit 17 must be set to Logic 1 to use the PLL
input divider.
00 = disable divider
01 = divide by 2
10 = divide by 4
11 = divide by 8
19
PLL input doubler select
0 = selects the feedthrough path.
1 = selects the 2× path.
This bit is only meaningful when CFR3[18] = 1 and CFR3[17] = 0.
18
PLL enable
0 = disables the internal PLL.
1 = the internal PLL is enabled and the output generates the system clock. The PLL must be calibrated when enabled via
VCO calibration in Register CFR1, Bit 24.
17
PLL input divider select
0 = selects the feed through and 2× multiplier paths.
1 = selects the PLL input divider path.
This bit is only meaningful when CFR3[18] = 1.
16
PLL edge select
0 = select rising edge.
1 = select falling edge.
This bit is only meaningful when CFR3[18] = 1, CFR3[17] = 0 and CFR3[19] = 0. The PLL locks to the selected edge of
REF_CLK.
[15:8]
Feedback divider N
The N divider value in Bits[15:8] is one part of the total PLL multiplication available. The second part is the fixed divide by two
element in the feedback path. Therefore, the total PLL multiplication value is 2N. The valid N divider range is 10× to 255×.
The default N value for Bits[15:8] = 25, which sets the total default PLL multiplication to 50× or 2N.
7
Open
Open.
6
Manual ICP selection
0 = the internal charge pump current is chosen automatically during the VCO calibration routine (default).
1 = the internal charge pump is set manually per Table 7.
[5:3]
ICP
Manual charge pump current selection. See Table 7.
2
Lock detect enable
0 = disables PLL lock detection.
1 = enables PLL lock detection.
[1:0]
Minimum LDW
Selects the number of REF CLK cycles that the phase error (at the PFD inputs) must remain within before a PLL lock
condition can be read back via Bit 24 in Register 0x00.
00 = 128 REF CLK cycles
01 = 256 REF CLK cycles
10 = 512 REF CLK cycles
11 = 1024 REF CLK cycles
Control Function Register 4 (CFR4)—Address 0x03
Table 21. Bit Descriptions for DAC
Bit(s)
Mnemonic
Description
[31:27]
Open
Open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com