Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 7Page - Analog Devices AD9915/PCBZ Datasheet HTML 8Page - Analog Devices AD9915/PCBZ Datasheet HTML 9Page - Analog Devices AD9915/PCBZ Datasheet HTML 10Page - Analog Devices AD9915/PCBZ Datasheet HTML 11Page - Analog Devices AD9915/PCBZ Datasheet HTML 12Page - Analog Devices AD9915/PCBZ Datasheet HTML 13Page - Analog Devices AD9915/PCBZ Datasheet HTML 14Page - Analog Devices AD9915/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Data Sheet
AD9915
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. G | 11 of 51
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
I/O1
Description
22
D0/CS/PWD
I
Parallel Port Pin/Chip Select/Parallel Width. This pin is D0 for direct FSK, PSK, or ASK data. If serial mode is
invoked via F0 to F3, this pin is used for the chip select for serial operation. If parallel mode is enabled, this pin sets
either 8-bit data or 16-bit data.
6, 23, 73
DVDD (1.8V)
I
Digital Core Supplies (1.8 V).
7, 17, 24, 74, 84
DGND
I
Digital Ground.
16, 83
DVDD_I/O (3.3V)
I
Digital Input/Output Supplies (3.3 V).
32, 56, 57
AVDD (1.8V)
I
Analog Core Supplies (1.8 V).
33, 35, 37, 38, 44, 46,
49, 51
AGND
I
Analog Ground.
34, 36, 39, 40, 43, 47,
50, 52, 53, 60
AVDD (3.3V)
I
Analog DAC Supplies (3.3 V).
25, 26, 27
PS0 to PS2
I
Profile Select Pins. Digital inputs (active high). Use these pins to select one of eight phase/frequency profiles for
the DDS. Changing the state of one of these pins transfers the current contents of all input/output buffers to the
corresponding registers. State changes must be set up on the SYNC_CLK pin (Pin 82).
28, 29, 30, 31
F0 to F3
I
Function Pins. Digital inputs. The state of these pins determines if a serial or parallel interface is used. In addition,
the function pins determine how the 32-bit parallel data-word is partitioned for FSK, PSK, or ASK modulation mode.
41
AOUT
O
DAC Complementary Output Source. Analog output (voltage mode). Internally connected through a 50 Ω resistor to
AVDD (3.3 V).
42
AOUT
O
DAC Output Source. Analog output (voltage mode). Internally connected through a 50 Ω resistor to AVDD (3.3 V).
45
DAC_BP
I
DAC Bypass Pin. Provides access to the common control node of the DAC current sources. Connecting a capacitor
between this pin and ground can improve noise performance at the DAC output.
48
DAC_RSET
O
Analog Reference. This pin programs the DAC output full-scale reference current. Connect a 3.3 kΩ resistor to
AGND.
54
REF_CLK
I
Complementary Reference Clock Input. Analog input.
55
REF_CLK
I
Reference Clock Input. Analog input.
58
LOOP_FILTER
O
External PLL Loop Filter Node.
59
REF
O
Local PLL Reference Supply. Typically at 2.05 V.
61
SYNC_OUT
O
Digital Synchronization Output. Clock source (output) for synchronizing multiple chips.
62
SYNC_IN
I
Digital Synchronization Input. Clock receiver (input) for synchronizing multiple chips.
63
DRCTL
I
Ramp Control. Digital input (active high). This pin controls the sweep direction (up/down).
64
DRHOLD
I
Ramp Hold. Digital input (active high). Pauses the sweep when active.
65
DROVER
O
Ramp Over. Digital output (active high). This pin switches to Logic 1 when the digital ramp generator reaches the
programmed upper or lower limit.
66
OSK
I
Output Shift Keying. Digital input (active high). When the OSK features are placed in either manual or automatic
mode, this pin controls the OSK function. In manual mode, it toggles the multiplier between 0 (low) and the
programmed amplitude scale factor (high). In automatic mode, a low sweeps the amplitude down to zero and a high
sweeps the amplitude up to the amplitude scale factor. This pin is functional only when enabled via a register bit.
67
EXT_PWR_DWN
I
External Power-Down. Digital input (active high). A high level on this pin initiates the currently programmed
power-down mode.
82
SYNC_CLK
O
Clock Output. Digital output. Many of the digital inputs on the chip, such as I/O_UPDATE, PS[2:0], and the parallel
data port (D0 to D31), must be set up on the rising edge of this signal.
85
MASTER_RESET
I
Master Reset. Digital input (active high). Clears all memory elements and sets registers to default values.
86
I/O_UPDATE
I
Input/Output Update. Digital input (active high). A high on this pin transfers the contents of the input/output buffer
registers to their corresponding active registers.
EPAD
Exposed Pad. The EPAD must be soldered to ground.
1 I means input, O means output, and I/O means input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com