Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 31Page - Analog Devices AD9915/PCBZ Datasheet HTML 32Page - Analog Devices AD9915/PCBZ Datasheet HTML 33Page - Analog Devices AD9915/PCBZ Datasheet HTML 34Page - Analog Devices AD9915/PCBZ Datasheet HTML 35Page - Analog Devices AD9915/PCBZ Datasheet HTML 36Page - Analog Devices AD9915/PCBZ Datasheet HTML 37Page - Analog Devices AD9915/PCBZ Datasheet HTML 38Page - Analog Devices AD9915/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Data Sheet
AD9915
SERIAL PROGRAMMING
analog.com
Rev. G | 35 of 51
controls the configuration of this pin. The default is Logic 0, which
configures the SDIO pin as bidirectional.
SDO—Serial Data Out
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. When the AD9915 operates in
single bidirectional input/output mode, this pin does not output data
and is set to a high impedance state.
SYNCIO—Input/Output Reset
SYNCIO synchronizes the input/output port state machines without
affecting the contents of the addressable registers. An active high
input on the SYNCIO pin causes the current communication cycle
to abort. After SYNCIO returns low (Logic 0), another communica-
tion cycle can begin, starting with the instruction byte write.
I/O_UPDATE—Input/Output Update
The input/output update initiates the transfer of written data from
the serial or parallel input/output port buffer to active registers.
I/O_UPDATE is active on the rising edge, and the pulse width must
be greater than one SYNC_CLK period.
SERIAL INPUT/OUTPUT TIMING DIAGRAMS
Figure 42 through Figure 45 provide basic examples of the tim-
ing relationships between the various control signals of the serial
input/output port. Most of the bits in the register map are not trans-
ferred to the internal destinations until assertion of an input/output
update, which is not included in the timing diagrams that follow.
Note that the SCLK stall condition between the instruction byte
cycle and data transfer cycle in Figure 42 to Figure 45 is not
required.
MSB/LSB TRANSFERS
The AD9915 serial port can support both most significant bit (MSB)
first or least significant bit (LSB) first data formats. This functionality
is controlled by Bit 0 in CFR1 (0x00). The default format is MSB
first. If LSB first is active, all data, including the instruction byte,
must follow LSB-first convention. Note that the highest number
found in the bit range column for each register is the MSB, and the
lowest number is the LSB for that register.
Figure 42. Serial Port Write Timing, Clock Stall Low
Figure 43. 3-Wire Serial Port Read Timing, Clock Stall Low
Figure 44. Serial Port Write Timing, Clock Stall High
Figure 45. 2-Wire Serial Port Read Timing, Clock Stall High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com