Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9915/PCBZ Datasheet HTML 1Page - Analog Devices AD9915/PCBZ Datasheet HTML 2Page - Analog Devices AD9915/PCBZ Datasheet HTML 3Page - Analog Devices AD9915/PCBZ Datasheet HTML 4Page - Analog Devices AD9915/PCBZ Datasheet HTML 5Page - Analog Devices AD9915/PCBZ Datasheet HTML 6Page - Analog Devices AD9915/PCBZ Datasheet HTML 7Page - Analog Devices AD9915/PCBZ Datasheet HTML 8Page - Analog Devices AD9915/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Data Sheet
AD9915
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Rev. G
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
2.5 GSPS internal clock speed
►
Integrated 12-bit DAC
►
Frequency tuning resolution to 135 pHz
►
16-bit phase tuning resolution
►
12-bit amplitude scaling
►
Programmable modulus
►
Automatic linear and nonlinear frequency sweeping capability
►
32-bit parallel datapath interface
►
8 frequency/phase offset profiles
►
Phase noise: −128 dBc/Hz (1 kHz offset at 978 MHz)
►
Wideband SFDR < −57 dBc
►
Serial or parallel input/output control
►
1.8 V/3.3 V power supplies
►
Software and hardware controlled power-down
►
88-lead LFCSP package
►
PLL REF CLK multiplier
►
Phase modulation capability
►
Amplitude modulation capability
►
Multichip synchronization
APPLICATIONS
►
Agile LO frequency synthesis
►
Programmable clock generator
►
FM chirp source for radar and scanning systems
►
Test and measurement equipment
►
Acousto-optic device drivers
►
Polar modulator
►
Fast frequency hopping
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - AD9915/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9915-PCBZ AD-AD9915-PCBZ Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9915BCPZ AD-AD9915BCPZ Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9915BCPZ-REEL7 AD-AD9915BCPZ-REEL7 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
More results

Similar Description - AD9915/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
898Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9914S AD-AD9914S Datasheet
1Mb / 17P
3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com