Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 34Page - Analog Devices AD9915/PCBZ Datasheet HTML 35Page - Analog Devices AD9915/PCBZ Datasheet HTML 36Page - Analog Devices AD9915/PCBZ Datasheet HTML 37Page - Analog Devices AD9915/PCBZ Datasheet HTML 38Page - Analog Devices AD9915/PCBZ Datasheet HTML 39Page - Analog Devices AD9915/PCBZ Datasheet HTML 40Page - Analog Devices AD9915/PCBZ Datasheet HTML 41Page - Analog Devices AD9915/PCBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Data Sheet
AD9915
MULTIPLE CHIP SYNCHRONIZATION
analog.com
Rev. G | 38 of 51
►
The frequency of the SYNC_IN signal equals the SYSCLK fre-
quency divided by an integer multiple of 32.
For AD9915s that are synchronization targets, the sync out genera-
tor is superfluous. As such, the option exists for a target device to
have the signal at the SYNC_IN pin loop back to the SYNC_OUT
pin. Loop back of the SYNC_IN signal is in effect when CFR2[9] =
0. SYNC_IN loop back is a useful debug tool for verifying propaga-
tion of the SYNC_IN signal through the sync in receiver.
Figure 48. Synchronization Block Diagram
The typical multichip synchronization system diagram in Figure 49
shows three AD9915s with one operating as the synchronization
source and the others as synchronization targets. The synchroniza-
tion source device, like the target devices, has its SYNC_IN pin
connected to the output of the synchronization distribution and de-
lay equalization block. Taking measures to ensure that the source
and target devices have edge aligned SYNC_IN signals is one of
the fundamental concepts of multichip synchronization.
The synchronization system in Figure 49 relies on the clock distri-
bution and delay equalization block to provide all devices with an
edge aligned REF_CLK signal. Taking measures to ensure that the
source and target devices have edge aligned REF_CLK signals is
another fundamental concept of multichip synchronization.
Synchronization of the AD9915 requires the following conditions:
►
A synchronization signal present at the SYNC_IN pin
►
USR0[6] = 1 (CAL with SYNC)
Within the AD9915, synchronization is handled as part of the DAC
calibration state machine, which executes calibration and synchro-
nization in two sequential segments. The synchronization process
begins by programming CFR4[24] = 1 (DAC CAL enable) followed
by assertion of IO_UPDATE, which initiates the first segment of
the process. Upon completion of the first segment of the process
and given USR0[6] = 1, the state machine waits for the arrival of a
SYNC_IN edge to begin the second segment of the process. The
second segment of the process requires at least 16 cycles of the
SYNC_IN signal to complete the calibration and synchronization
sequence. The absence of a SYNC_IN signal (with USR0[6] =
1) prevents the synchronization process and the DAC calibration
process from completing. See the DAC Calibration Output section
for detail on the time required for the AD9915 to perform DAC
calibration based on the state of USR0[6].
Ambient operating temperature and self heating of the AD9915 are
an important considered in the context of multichip synchronization.
In general, the propagation delay from the SYNC_IN pin to the
clock generator block is fixed for a given operating temperature.
However, large temperature differences between devices or rapid
increases in device temperature at power-up adds to the complexity
of synchronization by virtue of the disparate delays across devices.
Steps must be taken to minimize large temperature gradients or
rapid temperature changes to achieve optimal system performance.
Once a multichip system is synchronized, it is not necessary to con-
tinuously apply a SYNC_IN signal. In fact, the recommendation is to
turn off the source of the SYNC_IN signal after the synchronization
is complete. Turning off the source of the SYNC_IN signal has two
benefits. The first is the elimination of false synchronization events
that might occur from random jitter on the SYNC_IN signal. The
second relates to the DAC calibration circuitry, which continuously
adjusts the timing of the internal clocks to compensate for delay
variation due temperature changes. Interaction between the DAC
calibration circuitry and the synchronization circuitry may result
in random synchronization events when the SYNC_IN signal is
persistent.
Table 15 and Table 16 show the delay time increment associated
with the sync in receiver and the sync out generator, where 0 to 7
equate to the 3-bit value in the associated register.
Table 15. SYNC_IN Delay (USR0[2:0])
Delay Step
Increment, Typ (ns)
0 to 1
0.26
1 to 2
0.15
2 to 3
0.15
3 to 4
0.15
4 to 5
0.15
5 to 6
0.17
6 to 7
0.17
Total delay
1.2
Table 16. SYNC_OUT Delay (USR0[5:3])
Delay Step
Increment, Typ (ns)
0 to 1
0.17
1 to 2
0.3
2 to 3
0.3
3 to 4
0.3
4 to 5
0.3
5 to 6
0.3
6 to 7
0.3
Total delay
1.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com