Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 22Page - Analog Devices AD9915/PCBZ Datasheet HTML 23Page - Analog Devices AD9915/PCBZ Datasheet HTML 24Page - Analog Devices AD9915/PCBZ Datasheet HTML 25Page - Analog Devices AD9915/PCBZ Datasheet HTML 26Page - Analog Devices AD9915/PCBZ Datasheet HTML 27Page - Analog Devices AD9915/PCBZ Datasheet HTML 28Page - Analog Devices AD9915/PCBZ Datasheet HTML 29Page - Analog Devices AD9915/PCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Data Sheet
AD9915
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 26 of 51
As described previously, the step interval is controlled by a 16‑bit
programmable timer. There are three events that can cause this
timer to be reloaded prior to the expiration, as follows:
►
A transition of the digital ramp enable bit from cleared to set,
followed by assertion of the IO_UPDATE pin
►
A change of state of the DRCTL pin
►
Anytime the IO_UPDATE pin is asserted while the load LRR at
input/output update bit is set (0x00[15] = 1)
DRG Limit Control
The ramp accumulator is followed by limit control logic that enforces
an upper and lower boundary on the output of the ramp generator.
Under no circumstances does the output of the DRG exceed the
programmed limit values while the DRG is enabled. The limits are
set through the 64-bit digital ramp limit register, comprising a 32-bit
upper limit value and a 32-bit lower limit value. Note that the upper
limit value must be greater than the lower limit value to ensure
normal operation.
For a phase sweep, program the 16 LSBs of the 32-bit upper limit
and lower limit registers with the desired phase value and program
the 16 MSBs of the upper limit and lower limit registers with zeros.
For an amplitude sweep, program the 12 LSBs of the 32-bit upper
limit and lower limit registers with the desired amplitude value and
the 20 MSBs of the upper limit and lower limit registers with zeros.
DRG Accumulator Clear
The ramp accumulator can be cleared (that is, reset to 0) under
program control. When the ramp accumulator is cleared, it forces
the DRG output to the lower limit programmed into the digital ramp
limit register.
With the limit control block embedded in the feedback path of the
accumulator, resetting the accumulator is equivalent to presetting it
to the lower limit value.
Figure 38. Normal Ramp Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com