Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9915/PCBZ Datasheet HTML 1Page - Analog Devices AD9915/PCBZ Datasheet HTML 2Page - Analog Devices AD9915/PCBZ Datasheet HTML 3Page - Analog Devices AD9915/PCBZ Datasheet HTML 4Page - Analog Devices AD9915/PCBZ Datasheet HTML 5Page - Analog Devices AD9915/PCBZ Datasheet HTML 6Page - Analog Devices AD9915/PCBZ Datasheet HTML 7Page - Analog Devices AD9915/PCBZ Datasheet HTML 8Page - Analog Devices AD9915/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Data Sheet
AD9915
GENERAL DESCRIPTION
analog.com
Rev. G | 4 of 51
The AD9915 is a direct digital synthesizer (DDS) featuring a 12‑bit
DAC. The AD9915 uses advanced DDS technology, coupled with
an internal high speed, high performance DAC to form a digitally
programmable, complete high frequency synthesizer capable of
generating a frequency agile analog output sinusoidal waveform
at up to 1.0 GHz. The AD9915 enables fast frequency hopping
and fine tuning resolution (64‑bit capable using programmable
modulus mode). The AD9915 also offers fast phase and amplitude
hopping capability. The frequency tuning and control words are
loaded into the AD9915 via a serial or parallel input/output port.
The AD9915 also supports a user defined linear sweep mode
of operation for generating linear swept waveforms of frequency,
phase or amplitude. A high speed, 32-bit parallel data input port
is included, enabling high data rates for polar modulation schemes
and fast reprogramming of the phase, frequency, and amplitude
tuning words.
The AD9915 is specified to operate over the extended industrial
temperature range (see the Absolute Maximum Ratings section).
Figure 2. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com