Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 36Page - Analog Devices AD9915/PCBZ Datasheet HTML 37Page - Analog Devices AD9915/PCBZ Datasheet HTML 38Page - Analog Devices AD9915/PCBZ Datasheet HTML 39Page - Analog Devices AD9915/PCBZ Datasheet HTML 40Page - Analog Devices AD9915/PCBZ Datasheet HTML 41Page - Analog Devices AD9915/PCBZ Datasheet HTML 42Page - Analog Devices AD9915/PCBZ Datasheet HTML 43Page - Analog Devices AD9915/PCBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Data Sheet
AD9915
REGISTER MAP AND BIT DESCRIPTIONS
analog.com
Rev. G | 40 of 51
Table 17. Register Map
Register Name
(Serial Address)
Bit Range
(Parallel
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)1
CFR1—Control
Function Register
1 (0x00)
[7:0] (0x00)
Digital
power-
down
DAC power-
down
REF CLK
input power-
down
Open
External power-
down control
Open
SDIO input
only
LSB first
mode
0x08
[15:8]
(0x01)
Load LRR
on input/
output
update
Autoclear
digital ramp
accumulator
Autoclear
phase
accumulator
Clear digital
ramp
accumulator
Clear phase
accumulator
Open
External OSK
enable
OSK enable
0x00
[23:16]
(0x02)
Open
Parallel port
streaming
enable
Enable sine
output
0x01
[31:24]
(0x03)
Open
VCO cal
enable
0x00
CFR2—Control
Function Register
2 (0x01)
[7:0](0x04)
Open
0x00
[15:8]
(0x05)
Matched
latency
enable
Frequency
jump enable
DRG over
output enable
Open
SYNC_CLK
enable
SYNC_CLK
invert
SYNC_OUT
source select
Sync
generator
active
0x09
[23:16]
(0x06)
Profile
mode
enable
Parallel data
port enable
Digital ramp destination
Digital ramp
enable
Digital ramp
no-dwell high
Digital ramp
no-dwell low
Programmable
modulus
enable
0x00
[31:24]
(0x07)
Open
0x00
CFR3—Control
Function Register
3 (0x02)
[7:0](0x08)
Open
Manual ICP
selection
ICP[2:0]
Lock detect
enable
Minimum LDW[1:0]
0x1C
[15:8]
(0x09)
Feedback Divider N[7:0]
0x19
[23:16]
(0x0A)
Open
PLL input
divider reset
PLL input divide value[1:0]
PLL input
doubler select
PLL enable
PLL input
divider select
PLL edge
select
0x00
[31:24]
(0x0B)
Open
0x00
CFR4—Control
Function Register
4 (0x03)
[7:0](0x0C)
Requires register default value settings (0x20)
0x20
[15:8]
(0x0D)
Requires register default value settings (0x21)
0x21
[23:16]
(0x0E)
Requires register default value settings (0x05)
0x05
[31:24]
(0x0F)
Open
Auxiliary
divider
power-down
DAC CAL
clock power-
down
DAC CAL
enable2
0x00
Digital Ramp
Lower Limit
Register (0x04)
[7:0] (0x10)
Digital ramp lower limit[7:0]
0x00
[15:8] (0x11)
Digital ramp lower limit[15:8]
0x00
[23:16]
(0x12)
Digital ramp lower limit[23:16]
0x00
[31:24]
(0x13)
Digital ramp lower limit[31:24]
0x00
Digital Ramp
Upper Limit
Register (0x05)
[7:0] (0x14)
Digital ramp upper limit[7:0]
0x00
[15:8]
(0x15)
Digital ramp upper limit[15:8]
0x00
[23:16]
(0x16)
Digital ramp upper limit[23:16]
0x00
[31:24]
(0x17)
Digital ramp upper limit[31:24]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com