Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 33Page - Analog Devices AD9915/PCBZ Datasheet HTML 34Page - Analog Devices AD9915/PCBZ Datasheet HTML 35Page - Analog Devices AD9915/PCBZ Datasheet HTML 36Page - Analog Devices AD9915/PCBZ Datasheet HTML 37Page - Analog Devices AD9915/PCBZ Datasheet HTML 38Page - Analog Devices AD9915/PCBZ Datasheet HTML 39Page - Analog Devices AD9915/PCBZ Datasheet HTML 40Page - Analog Devices AD9915/PCBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Data Sheet
AD9915
MULTIPLE CHIP SYNCHRONIZATION
analog.com
Rev. G | 37 of 51
Multichip synchronization applies to an array of AD9915s in which
each device can be programmed independently and then the array
synchronously activated via coincident assertion of the IO_UPDATE
pin. Here, activated means the transfer of the contents of the
AD9915 buffer registers to the active registers (see the General
Serial Input/Output Operation section). Figure 49 shows the general
structure of a typical multichip synchronization system.
To facilitate synchronization, the AD9915 has integrated synchroni-
zation circuitry as shown in Figure 48. The concept of synchroniza-
tion begins with the REFCLK input circuitry, which generates the in-
ternal system clock (SYSCLK) that drives the clock generator block,
as well as the DAC core. Note that a prerequisite for multichip
synchronization is that the signal appearing at the REF_CLK pins of
all devices exhibit time aligned clock edges relative to one another.
The implication being that the system design provides intrinsic
REF_CLK alignment to within one period of SYSCLK. REF_CLK
alignment across devices is necessary to ensure SYSCLK align-
ment across devices.
The SYSCLK signal routes to a clock generator that produces
internal clock signals to accommodate on-chip timing. The clock
generator employs integer dividers, so the internal clock signals
are of lesser frequency than SYSCLK. Thus, the frequency of a
particular internal clock is SYSCLK divided by some integer value,
DIV. Although the internal clocks are synchronous with SYSCLK,
frequency division implies that the rising edge of an internal clock
can relate to the rising edge of any one of DIV SYSCLK edges.
A specific goal of the synchronization system is to make sure the
clock generators in all the AD9915s are in the same state at the
same time. The implication being that the internal clocks across all
AD9915s are edge aligned to the same SYSCLK edge across all
AD9915s (assuming the previously mentioned REFCLK alignment
prerequisite has been met).
In terms of the internal clock signals, the SYNC_CLK signal is of
particular importance, because it provides timing to the DDS core,
the DRG, and the parallel data port. In the case of the SYNC_CLK
signal, DIV = 16, which means the rising edge of the SYNC_CLK
signal can coincide with any one of 16 SYSCLK edges. Thus,
synchronization involves getting the SYNC_CLK signal aligned with
the same SYSCLK edge across multiple AD9915s. The SYNC_CLK
signal is made available at the SYNC_CLK pin, which gives the
user a means to observe and verify synchronization. That is, in
a properly synchronized system, the SYNC_CLK signals of all
devices are edge aligned.
Note that the user can enable or disable the SYNC_CLK pin driver
via CFR2[11] without affecting the state of the internal SYNC_CLK
signal.
In a typical multichip synchronization system, one AD9915 serves
as the synchronization source. In order to function as a synchro-
nization source, the AD9915 includes an integrated sync out gen-
erator block. The sync out generator provides an output signal
(OSYNC) at a frequency of 1/384th of the SYSCLK frequency
with a 67% duty cycle. The OSYNC signal is synchronous with
SYSCLK. Programming CFR2[8] = 1 and CFR2[9] = 1 routes the
OSYNC signal to the SYNC_OUT pin. Note that the OSYNC signal
can be disabled by programming CFR2[8] = 0, which causes the
SYNC_OUT pin to be static Logic 0 (assuming CFR2[9] = 1). It is
not an absolute requirement to use the sync out generator as the
synchronization source, as explained later in this section.
Synchronization involves presetting all the clock generators in all
the AD9915s in a multichip synchronization system to the same
state at the same time. Such is the purpose of the sync in receiver,
which is a CMOS buffer. A clock signal on the SYNC_IN pin routes
to an edge detector that generates ISYNC pulses. Each ISYNC
pulse results from sampling the rising edge of the SYNC_IN signal
with the rising edge of the local SYSCLK. The ISYNC pulses have
a duration of one SYSCLK cycle and a pulse repetition rate equal
to the frequency of the signal at the SYNC_IN pin. Each ISYNC
pulse causes the clock generator to reset its dividers. The reset
state is active for only a single SYSCLK cycle, after which the clock
generator resumes cycling through the state sequence of its divid-
ers at the SYSCLK rate. Thus, the internal clocks are momentarily
set to the reset state coincident with each ISYNC pulse. Assuming
the frequency at the SYNC_IN pin is an integer sub-multiple of
SYSCLK, the resetting of the internal dividers appears transparent
after the initial reset, because the ISYNC pulse occurs at the same
time that the internal dividers naturally assume their reset state.
Under the assumption that the signal appearing at the SYNC_IN
pin of each AD9915 is edge aligned across all AD9915s, then the
internal clocks of all the AD9915s are synchronous to the same
SYSCLK edge across all devices. The adjustable delay feature of
the sync in receiver facilitates correction of small delay errors to
optimize the synchronization system.
Because the edge detector samples the SYNC_IN signal on the
rising edge of SYSCLK, there exists the possibility of the SYNC_IN
signal failing to meet the setup or hold time requirements of the
internal latches in the edge detection circuitry. If this happens, the
ISYNC pulses become unreliable and may cause erratic synchroni-
zation events. To this end, the sync receiver has an adjustable
delay via USR0[2:0] (see Table 15). In the off chance that ISYNC
pulses suffer from setup or hold timing violations leading to erratic
synchronization events, the delay adjustment can be used to move
the edge of the SYNC_IN signal to a stable sampling point.
In a multichip synchronization system, the synchronization source
device and all target devices must be synchronized via the
SYNC_IN pin. In the case of the synchronization source, synchro-
nization is typically accomplished through an external connection
between the SYNC_OUT and SYNC_IN pins. However, this con-
nection is not an absolute requirement, because the synchroniza-
tion signal at the SYNC_IN pin does not need to originate from the
sync out generator. An externally produced SYNC_IN signal can be
used if the following conditions are met:
►
The SYNC_IN signal is traceable to the same source that gener-
ates the signal applied to the REF_CLK inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com