Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 18Page - Analog Devices AD9915/PCBZ Datasheet HTML 19Page - Analog Devices AD9915/PCBZ Datasheet HTML 20Page - Analog Devices AD9915/PCBZ Datasheet HTML 21Page - Analog Devices AD9915/PCBZ Datasheet HTML 22Page - Analog Devices AD9915/PCBZ Datasheet HTML 23Page - Analog Devices AD9915/PCBZ Datasheet HTML 24Page - Analog Devices AD9915/PCBZ Datasheet HTML 25Page - Analog Devices AD9915/PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Data Sheet
AD9915
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 22 of 51
CLOCK INPUT (REF_CLK/REF_CLK)
REF_CLK/REF_CLK Overview
The AD9915 supports a number of options for producing the
internal SYSCLK signal (that is, the DAC sample clock) via the
REF_CLK/REF_CLK input pins. The REF_CLK input can be driv-
en directly from a differential or single-ended source. There is
also an internal phase-locked loop (PLL) multiplier that can be
independently enabled. However, the PLL limits the SYSCLK signal
between 2.4 GHz and 2.5 GHz operation. A differential signal is
recommended when the PLL is bypassed. A block diagram of the
REF_CLK functionality is shown in Figure 32. Figure 32 also shows
how the CFR3 control bits are associated with specific functional
blocks.
Figure 32. REF_CLK Block Diagram
The PLL enable bit (0x02[18]) chooses between the PLL path and
the direct input path. The direct input path is the default condition.
When the direct input path is selected, the REF_CLK/REF_CLK
pins must be driven by an external signal source (single-ended or
differential). Input frequencies up to 2.5 GHz are supported.
Direct Driven REF_CLK/REF_CLK
With a differential signal source, the REF_CLK/REF_CLK pins are
driven with complementary signals and ac-coupled with 0.1 µF ca-
pacitors. With a single-ended signal source, either a single-ended-
to-differential conversion can be employed or the REF_CLK input
can be driven single-ended directly. In either case, 0.1 µF capaci-
tors ac couple both REF_CLK/REF_CLK pins to avoid disturbing
the 2 V dc internal bias voltage. See Figure 33 for more details.
The REF_CLK/REF_CLK input resistance is ~2.5 kΩ differential
(~1.2 kΩ single-ended). Most signal sources have relatively low
output impedances. The REF_CLK/REF_CLK input resistance is
relatively high; therefore, the effect on the termination impedance is
negligible and can usually be chosen to be the same as the output
impedance of the signal source. The bottom two examples in Figure
33 assume a signal source with a 50 Ω output impedance.
Figure 33. Direct Connection Diagram
Phase-Locked Loop (PLL) Multiplier
An internal PLL provides the option to use a reference clock fre-
quency that is significantly lower than the system clock frequency.
The PLL supports a wide range of even programmable frequency
multiplication factors (20× to 510×; that is, two times the program-
med value of N (CFR3[15:8])) as well as a programmable charge
pump current and external loop filter components (connected via
the PLL LOOP_FILTER pin). These features add an extra layer of
flexibility to the PLL, allowing optimization of phase noise perform-
ance and flexibility in frequency plan development. The PLL is also
equipped with a lock detector, enabled via CFR3[2] = 1. When
enabled, lock detect status is available via 0x1B[24].
The PLL output frequency range (fSYSCLK) is constrained to the
range of 2.4 GHz ≤ fSYSCLK ≤ 2.5 GHz by the internal VCO.
As shown in Figure 32, to use the PLL, the user must program
CFR3[18] = 1, which enables the PLL circuitry and selects the VCO
output of the PLL as the internal system clock (SYSCLK) source.
There are three ways to route the REF_CLK input signal to the
input of the PLL, as follows:
►
Feedthrough (PLL input frequency = REF_CLK input frequency)
►
Divided (PLL input frequency = REF_CLK input frequency divid-
ed by 2, 4, or 8)
►
Multiplied (PLL input frequency = twice the REF_CLK input
frequency)
Regardless of the routing option chosen, the user must ensure the
frequency at the input to the PLL does not exceed 125 MHz.
The feedthrough path is the default PLL input option (in effect
when CFR3[17] = 0 and CFR3[19] = 0). Because the feedthrough
path delivers the REF_CLK input signal to the PLL input without
frequency division or multiplication, the PLL can be made to align
with either the rising or falling edge of the REF_CLK input signal
via CFR3[16]. Logic 0 selects the rising edge of the REF_CLK input
signal, whereas Logic 1 selects the falling edge. Normally, there
is no particular advantage over choosing one edge over the other.
However, some clock sources exhibit more jitter on one edge than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com