Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 23Page - Analog Devices AD9915/PCBZ Datasheet HTML 24Page - Analog Devices AD9915/PCBZ Datasheet HTML 25Page - Analog Devices AD9915/PCBZ Datasheet HTML 26Page - Analog Devices AD9915/PCBZ Datasheet HTML 27Page - Analog Devices AD9915/PCBZ Datasheet HTML 28Page - Analog Devices AD9915/PCBZ Datasheet HTML 29Page - Analog Devices AD9915/PCBZ Datasheet HTML 30Page - Analog Devices AD9915/PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
Data Sheet
AD9915
FUNCTIONAL BLOCK DETAIL
analog.com
Rev. G | 27 of 51
Normal Ramp Generation
Normal ramp generation implies that both no-dwell bits are cleared
(see the No-Dwell Ramp Generation section for details). In Figure
38, a sample ramp waveform is depicted with the required control
signals. The top trace is the DRG output. The next trace down
is the status of the DROVER output pin (assuming that the DRG
over output enable bit is set). The remaining traces are control bits
and control pins. The pertinent ramp parameters are also identified
(upper and lower limits plus step size and Δt for the positive
and negative slopes). Along the bottom, circled numbers identify
specific events. These events are referred to by number (Event 1
and so on) in the following paragraphs.
In this example, the positive and negative slopes of the ramp are
different to demonstrate the flexibility of the DRG. The parameters
of both slopes can be programmed to make the positive and
negative slopes the same.
Event 1—The digital ramp enable bit is set, which has no effect on
the DRG output because the bit is not effective until an input/output
update occurs.
Event 2—An input/output update registers the digital ramp enable
bit. If DRCTL = 1 is in effect (the gray portion of the DRCTL
trace), the DRG output immediately begins a positive slope (the
gray portion of the DRG output trace). Otherwise, if DRCTL = 0, the
DRG output is initialized to the lower limit.
Event 3—DRCTL transitions to Logic 1 to initiate a positive slope
at the DRG output. In this example, the DRCTL pin is held long
enough to cause the DRG to reach the programmed upper limit.
The DRG remains at the upper limit until the ramp accumulator
is cleared (DRCTL = 0) or the upper limit is reprogrammed to a
higher value. In the latter case, the DRG immediately resumes the
previous positive slope profile.
Event 4—DRCTL transitions to Logic 0 to initiate a negative slope
at the DRG output. In this example, the DRCTL pin is held long
enough to cause the DRG to reach the programmed lower limit.
The DRG remains at the lower limit until DRCTL = 1, or until the
lower limit is reprogrammed to a lower value. In the latter case, the
DRG immediately resumes the previous negative slope profile.
Event 5—DRCTL transitions to Logic 1 for the second time, initiat-
ing a second positive slope.
Event 6—The positive slope profile is interrupted by DRHOLD tran-
sitioning to Logic 1. This stalls the ramp accumulator and freezes
the DRG output at the last value.
Event 7—DRHOLD transitions to Logic 0, releasing the ramp accu-
mulator and reinstating the previous positive slope profile.
Event 8—The clear digital ramp accumulator bit is set, which has
no effect on the DRG because the bit is not effective until an
input/output update is issued.
Event 9—An input/output update registers that the clear digital
ramp accumulator bit is set, resetting the ramp accumulator and
forcing the DRG output to the programmed lower limit. The DRG
output remains at the lower limit until the clear condition is re-
moved.
Event 10—The clear digital ramp accumulator bit is cleared, which
has no effect on the DRG output because the bit is not effective
until an input/output update is issued.
Event 11—An input/output update registers that the clear digital
ramp accumulator bit is cleared, releasing the ramp accumulator;
and the previous positive slope profile restarts.
Event 12—The autoclear digital ramp accumulator bit is set, which
has no effect on the DRG output because the bit is not effective
until an input/output update is issued.
Event 13—An input/output update registers that the autoclear digital
ramp accumulator bit is set, resetting the ramp accumulator. How-
ever, with an automatic clear, the ramp accumulator is held in reset
for only a single DDS clock cycle. This forces the DRG output to the
lower limit, but the ramp accumulator is immediately made available
for normal operation. In this example, the DRCTL pin remains Logic
1; therefore, the DRG output restarts the previous positive ramp
profile.
No-Dwell Ramp Generation
The no-dwell high (0x01[18]) and no-dwell low (0x01[17]) bits add
to the flexibility of the DRG capabilities. During normal (default)
ramp generation, when the DRG output reaches the programmed
upper or lower limit, it simply remains at the limit until the operating
parameters dictate otherwise. However, during no-dwell operation,
the DRG output does not necessarily remain at the limit. For ex-
ample, during no-dwell high operation (0x01[18:17] = 10 (binary)),
when the DRG reaches its upper limit, the DRG immediately snaps
to the lower limit and halts. Likewise, during no-dwell low operation
(0x01[18:17] = 01 (binary)), when the DRG reaches its lower limit,
the DRG immediately snaps to the upper limit and halts. Alterna-
tively, a continuous ramping mode is in effect when 0x01[18:17] =
11 (binary), in which case the DRG output automatically oscillates
between the upper and lower limits using the programmed slope
parameters.
Note that in continuous ramping mode, the DROVER signal oper-
ates differently than in dwell operation. In dwell operation, the
DROVER signal assumes a static Logic 1 state indicating the end
of the sweep. In continuous ramping mode, however, the DROVER
signal is a positive pulse (with a period of two cycles of the DDS
clock) that occurs each time the DRG output reaches either of the
programmed limits (assuming that the DRG over output enable bit
(0x01[13]) is set).
A no-dwell high DRG output waveform is shown in Figure 39. The
waveform diagram assumes that the digital ramp no-dwell high bit
is set and has been registered by an input/output update. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com