Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9915/PCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9915/PCBZ
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915/PCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9915/PCBZ Datasheet HTML 29Page - Analog Devices AD9915/PCBZ Datasheet HTML 30Page - Analog Devices AD9915/PCBZ Datasheet HTML 31Page - Analog Devices AD9915/PCBZ Datasheet HTML 32Page - Analog Devices AD9915/PCBZ Datasheet HTML 33Page - Analog Devices AD9915/PCBZ Datasheet HTML 34Page - Analog Devices AD9915/PCBZ Datasheet HTML 35Page - Analog Devices AD9915/PCBZ Datasheet HTML 36Page - Analog Devices AD9915/PCBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
Data Sheet
AD9915
PROGRAMMING AND FUNCTION PINS
analog.com
Rev. G | 33 of 51
Furthermore, to make use of amplitude control, the user must be
sure to program the OSK enable bit in the CFR1 register (0x00[8])
to Logic 1.
The combination of the F[3:0] pins and Bits[31:0] provides the
AD9915 with unprecedented modulation capability by allowing the
user direct control of the DDS parameters (frequency, phase, ampli-
tude, or various combinations thereof). Furthermore, the parallel
port operates at a sample rate equal to 1/16 of the system sample
clock. This allows for updates of the DDS parameters at rates of
up to 156 MSPS (assuming a 2.5 GHz system clock) allowing the
AD9915 to accommodate applications with wideband modulation
requirements.
Be aware that the frequency, phase, and amplitude changes ap-
plied at the parallel port travel to the DDS core over different
paths, experiencing different propagation times (latency). Therefore,
modulating more than one DDS parameter necessitates setting the
device matched latency enable bit in the CFR2 register (0x01[15]),
which equalizes the latency of each DDS parameter as it propa-
gates from the parallel port to the DDS core. Note that high speed
modulation requires a DAC reconstruction filter with sufficient band-
width to accommodate the instantaneous time domain transitions.
Because direct access to the DDS parameters occurs via the FTW,
POW, and AMP registers, the IO_UPDATE pin (see Figure 41)
adds another layer of flexibility. That is, by default, 0x00[17] = 0.
Therefore, writing data to the FTW, POW, or AMP register does
not make the data immediately available to the DDS core. Instead,
the user must assert the IO_UPDATE pin to transfer the data from
the FTW, POW, and AMP registers to the DDS core. Asserting the
IO_UPDATE pin gives the user a level of control over the timing
of when an FTW, POW, or AMP register change is applied to the
DDS core. Note that assertion of IO_UPDATE or changing the state
of the profile select pins (PS2 to PS0) is functionally equivalent.
Furthermore, either action is gated by the rising edge of the internal
SYNC_CLK signal.
However, when the logic levels applied to the function pins (F[3:0])
= 0010 to 1101 (that is, the high speed parallel data port is active),
programming 0x00[17] = 1 activates streaming mode. In streaming
mode, data at the D[31:0] pins is transferred to the FTW, POW,
or AMP register and directly to the DDS core on each rising edge
of the internal SYNC_CLK signal. Thus, streaming mode provides
for wide band modulation by eliminating the need to assert IO_UP-
DATE.
As an example to demonstrate the flexibility of the parallel data
port, suppose an application requires frequency and amplitude
modulation with full 32-bit frequency resolution and full 12-bit am-
plitude resolution. Note that none of the F[3:0] pin combinations
supports such modulation capability directly. To circumvent this
problem, program 0x00[17] = 0 (that is, disable streaming mode).
This setting allows the use of two direct mode cycles of the 32-pin
parallel port, each with a different function pin setting, without
affecting the DDS core until assertion of the IO_UPDATE pin. That
is, the first direct mode cycle constitutes setting the function pins
to F[3:0] = 0010, which routes all 32 bits to the FTW register
(frequency). The second direct mode cycle constitutes setting the
function pins to F[3:0] = 0100, which provides full 12-bit access
to the AMP register (amplitude). Be aware, however, that F[3:0] =
0100 also includes the POW register (phase). Therefore, be sure
to keep the phase bits unchanged from their previous value. Next,
toggle the IO_UPDATE pin, which synchronously (on the rising
edge of the internal SYNC_CLK signal) transfers the new frequency
and phase values from the FTW and POW registers to the DDS
core. This mode of operation reduces the overall modulation rate
by a factor of three because it requires two direct mode cycles (a
minimum of two SYNC_CLK periods) followed by an IO_UPDATE
assertion. However, this mode still allows modulation sample rates
as high as ~52 MSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com