Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Signal Descriptions
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
21
Table 9. Serial Audio Interface Signals
Serial Module Signal
Description
Serial Audio Bit Clock
The SCLK1, SCLK2/GPIO48 and SCLK3/GPIO49, and
SCLK4/GPIO50 multiplexed pins can serve as general purpose I/Os or
serial audio bit clocks. As bit clocks, these bidirectional pins can be
programmed as outputs to drive their associated serial audio (IIS) bit
clocks. Alternately, these pins can be programmed as inputs when the
serial audio bit clocks are driven internally. The functionality is
programmed within the Audio module. During reset, these pins are
configured as input serial audio bit clocks.
Serial Audio Word Clock
The LRCK1, LRCK2/GPIO44, LRCK3/GPIO45, and LRCK/GPIO46
multiplexed pins can serve as general purpose I/Os or serial audio
word clocks. As word clocks, the bidirectional pins can be programmed
as inputs to drive their associated serial audio word clock. Alternately,
these pins can be programmed as outputs when the serial audio word
clocks are derived internally. The functionality is programmed within
the Audio module. During reset, these pins are configured as input
serial audio word clocks.
Serial Audio Data In
The SDATAI1, SDATAI3/GPIO41, and SDATAI4/GPI42 multiplexed pins
can serve as general purpose I/Os or serial audio inputs. As serial
audio inputs the data is sent to interfaces 1and 3 respectively. The
functionality of these pins is programmed with the GPIO-FUNCTION
and GPIO1-FUNCTION registers. During reset, the pins are configured
as serial data inputs.
Serial Audio Data Out
The SDATAO1/GPIO25 AND SDATAO2/GPI41 multiplexed pins can
serve as general purpose I/Os or serial audio outputs. The functionality
of these pins is programmed with registers GPIO-FUNCTION and
GPIO1-FUNCTION. During reset, the pins are configured as serial
data outputs..
Serial audio error flag
The EF/GPIO19 multiplexed pin can serve as general purpose I/Os or
error flag input. As error flag input, this pin will input the error flag
delivered by the CD-DSP. EF/GPIO19 is only relevant for serial
interface interface 1.
Serial audio CFLG
The CFLG/GPIO18 multiplexed pin can serve as general purpose I/O
or CFLG input. As CFLG input, the pin will input the CFLG flag
delivered by the CD-DSP. CFLG/GPIO18 is only relevant for serial
interface 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com