Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Electrical Characteristics
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
31
Figure 3. Example Circuit to Control Supply Sequencing
When a DC-DC convertor is used in the system to generate the 1.8V supply, additional care is required. If
possible, the 1.8V DC-DC convertor should be supplied by the 3.3V supply. If this is impossible or
considered inefficient, the designer needs to ensure that the rise time of the 1.8V supply still complies with
the recommendations stated above. Adding the 3 diodes will help resolve issues associated with a slow rise
time of the 1.8V supply. Further, a Schotty diode could be added between the supplies, which would have
the effect of holding the 1.8V supply to match the 3.3V supply should the 1.8V supply come-up first. This
diode also has the function of ensuring that there is not a large voltage differential between the Core supply
and the PAD supply during power-down.
Refer to the M5249C3 Reference Board Userís Manual for the recommended diode types.
A further note is the recommendation for hard resetting of the device. Freescale recommends using a
dynamic reset circuit. This allows for control of the voltage at which the reset will be released and ensure
that the correct voltage level at the RESET pin is achieved in all cases. Passive (RC) reset networks do not
always achieve the desired results.
Figure 4. SCF5249 Power Supply
NOTE
The following signals are not available on the 144 QFP package.
Table 18. 160 MAPBGA Ball Assignments
160MAPBGA Ball
Number
Function
GPIO
E3
CMD_SDIO2
GPIO34
G4
SDATA0-SDIO1
GPIO54
H3
RSTO/SDATA2_BS2
K3
A25
GPO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com