Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 35Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
32
L4
QSPI_CS1
GPIO24
L8
QSPI_CS3
GPIO22
N8
SDRAM_CS2
GPIO7
P9
EBUOUT2
GPO37
K11
BUFENB2
GPIO17
G12
SUBR
GPIO53
F13
SFSY
GPIO52
F12
RCK
GPIO51
E8
SRE
GPIO11
B8
LRCK3
GPIO45
E7
SWE
GPIO12
A7
SCLK3
GPIO49
Table 19. Clock Timing Specification
NUM
Characteristic
Units
Min
Max
CRIN Frequency1
11.29
33.86
MHz
C5
PSTCLK cycle time
7.1
—
nSec
C6
PSTCLK duty cycle
40
60
%
C7
BCLK cycle time
14.2
—
nSec
C8
BCLK duty cycle
45
55
%
Note:
There are only three choices for the valid Audio frequencies 11.29 MHz, 16.93 MHz, or
33.86 MHz; no other values are allowed. The System Clock is derived from one of these
crystals via an internal PLL.
Table 18. 160 MAPBGA Ball Assignments (continued)
160MAPBGA Ball
Number
Function
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com