Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Electrical Characteristics
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
29
Table 17. DC Electrical Specifications (Vcc = 3.3 Vdc + 0.3 Vdc)
Characteristic
Symbol
Min
Max
Units
Operation Voltage Range for I/O
Vcc
3.0
3.6
V
Input High Voltage
VIH
25.5
V
Input Low Voltage
VIL
-0.3
0.8
V
Input Leakage Current @ 0.0 V /3.3 V
During Normal Operation
Iin
-
±1µµA
Hi-Impedance (Three-State) Leakage Current
@ 0.0 V/3.3 V During Normal Operation
ITSI
-
±1µµA
Output High Voltage IOH = 8mA
1, 4mA2, 2mA3
VOH
2.4
-
V
Output Low Voltage IOL = 8mA
1, 4mA2, 2mA3
VOL
-0.4
V
Schmitt Trigger Low to High Threshold Point6
VT+
1.47
-
V
Schmitt Trigger High to Low Threshold Point6
VT-
-.95
V
Load Capacitance (DATA[31:16], DCL0, DCL1, SCLK[4:1],
SCLKOUT, EBUOUT[2:1], LRCK[4:1], SDATAO[2:1], CFLG, EF,
DBCDDATA[3:0], DBCPST[3:0], CNPSTCLK, IDEDIOR,
IDEDIOW, IORDY, SRE, SWE)
CL
-50
pF
Load Capacitance (ADDR[25, 23:9], SCLK)
CL
-40
pF
Load Capacitance (BCLKE, SDCAS, SDRAS, SDLDQM,
SDRAMCS[2:1],, SDUDQM, SDWE, BUFENB[2:1])
CL
-30
pF
Load Capacitance (SDA, SDA2, SCL, SCL2, CMDSDIO2,
SDATA2BS2, SDATA1BS1, SDATA0SDIO1, CS[1:0], OE, R/W,
TA, TXD[2:0], XTRIM, TDO/DSO, RCK, SFSY, SUBR, SDATA3,
TOUT[1:0], QSPIDOUT, QSPICS[3:0], GP[6:5])
CL
-20
pF
Capacitance5, Vin = 0 V, f = 1 MHz
CIN
-6
pF
1. DATA[31:16], ADDR[25, 23:9], PSTCLK, SCLK
2. SCL, SDA, PST[3:0], DDATA[3:0], TDSO, SDRAS, SDCAS, SDWE, SDRAMCS[2:1], SDLDQM, SDUDQM,
R/W
3. TOUT[1:0], RTS[2:0], TXD[2:1], SCLK[4:1]
4. BKPT/TMS, DSI/TDI, DSCLK/TRST
5. Capacitance CIN is periodically sampled rather than 100% tested.
6. SCLK[4:1], SCL, SCL2, SDA, SDA2, CRIN, RSTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com