Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
28
data from the JTAG logic. Shifting out of data depends on the state of the JTAG controller state machine
and the instruction currently in the instruction register. This data shift occurs on the falling edge of TCK.
When TDO is not outputting test data, it is three-stated. TDO can also be placed in three-state mode to
allow bussed or parallel connections to other devices having JTAG. This signal also provides single-bit
communication for the debug module responses.
8.21 Clock and Reset Signals
These signals configure the SCF5249 and provide interface signals to the external system.
8.21.1 Reset In
Asserting RSTI causes the SCF5249 to enter reset exception processing. When RSTI is recognized, the
data bus is tri-stated.
8.21.2 System Bus Input
The CRIN signal is the system clock input. The device has no on-chip clock oscillator, and needs an
external oscillator.
9
Electrical Characteristics
Table 15. Maximum Ratings
Rating
Symbol
Value
Units
Supply Core Voltage
Vcc
-0.5 to +2.5
V
Maximum Core Operating Voltage
Vcc
+1.98
V
Minimum Core Operating Voltage
Vcc
+1.62
V
Supply I/O Voltage
Vcc
-0.5 to +4.6
V
Maximum I/O Operating Voltage
Vcc
+3.6
V
Minimum I/O Operating Voltage
Vcc
+3.0
V
Input Voltage
Vin
-0.5 to +6.0
V
Storage Temperature Range
Tstg
-65 to150
oC
Table 16. Operating Temperature
Characteristic
Symbol
Value
Units
Maximum Operating Ambient Temperature
TAmax
851
οC
Minimum Operating Ambient Temperature
TAmin
0
oC
Note:
This published maximum operating ambient temperature should be used only as a system design guideline. All device
operating parameters are guaranteed only when the junction temperature does not exceed 105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com