Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 9Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 10Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 11Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 12Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 13Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Signal Descriptions
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
13
8
Signal Descriptions
8.1
Introduction
This section describes the SCF5249 input and output signals. The signal descriptions as shown in Table 4
are grouped according to relevant functionality.
Table 3. SCF5249 Documentation
Document Name
Description
Order Number
CFPRM/D
ColdFire Family Programmer’s Reference Manual
CFPRM/D
ColdFire2UM
Version 2/2M ColdFire Core
Processor User’s Manual
ColdFire2UM/D
ColdFire2UMAD
Version 2/2M ColdFire Core
Processor User’s Manual Addendum
ColdFire2UMAD/D
SCF5249UM
SCF5249 User’s Manual
SCF5249UM/D
Table 4. SCF5249 Signal Index
Signal Name
Mnemonic
Function
Input/
Output
Reset
State
Address
A[23:1]
A[25]/GPO8
23 address lines, address line 25
multiplexed with gpo8.
Out
X
Read-write control
RW_b
Bus write enable - indicates if read or
write cycle in progress
Out
H
Output enable
OE
Output enable for asynchronous
memories connected to chip selects
Out
negated
Data
D[31:16]
Data bus used to transfer word data
In/Out
Hi-Z
Synchronous row address
strobe
SDRAS
Row address strobe for external
SDRAM.
Out
negated
Synchronous column
address strobe
SDCAS
Column address strobe for external
SDRAM
Out
negated
SDRAM write enable
SDWE
Write enable for external SDRAM
Out
negated
SDRAM upper byte
enable
SDUDQM
Indicates during write cycle if high
byte is written
Out
SDRAM lower byte enable SDLDQM
Indicates during write cycle if low byte
is written
Out
SDRAM chip selects
SDRAMCS1
SDRAM chip select
Outt
negated
SDRAM chip selects
SDRAMCS2/GPIO7
SDRAM chip select
In/Out
negated
SDRAM clock enable
BCLKE
SDRAM clock enable
Out
System clock
SCLK/GPIO10
SDRAM clock output
In/Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com