Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Signal Descriptions
Freescale Semiconductor
22
8.12 Digital Audio Interface Signals
NOTE
The EBUOUT2 signal is only used on the 160 MAPBGA package.
8.13 Subcode Interface
There is a 3-line subcode interface on the SCF5249. This 3-line subcode interface allows the device to
format and transmit subcode in EIAJ format to a CD channel encoder device. The three signals are
described in Table 11.
NOTE
The SUBR, SFSY, and the RCK signals are only used in the 160 MAPBGA
package.
Table 10. Digital Audio Interface Signals
Serial Module Signal
Description
Digital Audio In
The EBUIN1/GPI36, EBUIN2/GPI37, EBUIN3/ADIN0/GPI38, and
EBUIN4/ADIN1/GPI39 multiplexed signals can serve as general
purpose input or can be driven by various digital audio (IEC958) input
sources. Both functionalities are always active. Input chosen for
IEC958 receiver is programmed within the audio module. Input value
on the 4 pins can always be read from the appropriate gpio register..
Digital Audio Out
The EBUOUT1_GPO36 and EBUOUT2_GPO37 multiplexed pins can
serve as general purpose I/O or as digital audio (IEC958) output.
EBUOUT1 is digital audio out for consumer mode, EBUOUT2 is digital
audio out for professional mode. The functionality of the pins is
programmed with the GPIO-FUNCTION and GPIO1-FUNCTION
register. During reset, the pin is configured as a digital audio output.
Table 11. Subcode Interface Signal
Signal name
Description
RCK/GPIO51
Subcode clock input. When pin is used as subcode clock, this pin is
driven by the CD channel encoder.
SFSY/GPIO52
Subcode sync output
This signal is driven high if a subcode sync needs to be inserted in the
EFM stream.
SUBR/GPIO53
Subcode data output
This signal is a subcode data out pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com