Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SCF5249 Datasheet HTML 1Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 2Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 3Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 4Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 5Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 6Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Introduction
Freescale Semiconductor
2
integrated peripherals and EMAC allow the SCF5249 to replace both the microcontroller and the DSP in
certain applications. Most peripheral pins can also be remapped as General Purpose I/O pins.
1.1
Orderable Parts Numbers
1.1.1
Orderable Part Table
1.2
SCF5249 Features
The SCF5249 integrated microprocessor combines a Version 2 ColdFire® processor core operating at
140MHz with the following modules.
•
DMA controller with 4 DMA channels
•
Integrated Enhanced Multiply-accumulate Unit (EMAC)
•
8-KByte Direct Mapped Instruction Cache
•
96-KByte SRAM (A 64K and a 32K bank)
•
Operates from external crystal oscillator
•
Supports 16-bit wide SDRAM memories
•
Serial Audio Interface which supports IIS and EIAJ audio protocols
•
Digital audio transmitter and two receivers compliant with IEC958 audio protocol
•
CD-ROM and CD-ROM XA block decoding and encoding function
•Two UARTS
•
Queued Serial Peripheral Interface (QSPI) (Master Only)
•
Two timers
•
IDE and SmartMedia interfaces
•
Analog/Digital Converter
•
Flash Memory Card Interface
•Two I2C modules
•
System debug support
•
General Purpose I/O pins shared with other functions
Table 1. Orderable Part Numbers
Orderable Part
Number
Maximum Clock
Frequency
Package Type
Operating
Temperature Range
Part Status
SCF5249LPV120
120 MHz
144 pin QFP
-20
°C to 70°C
Leaded
SCF5249LAG120
120 MHz
144 pin QFP
-20
°C to 70°C
Lead Free
SCF5249VF140
140 MHz
160 ball MAPBGA
-20
°C to 70°C
Leaded
SCF5249VM140
140 MHz
160 ball MAPBGA
-20
°C to 70°C
Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com