Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 4Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 5Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 6Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 9Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 10Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 11Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
SCF5249 Functional Overview
Freescale Semiconductor
8
Two internal audio channels and the dual UART can be used with the DMA channels. All channels can
perform memory to memory transfers. The DMA controller has a user-selectable, 24- or 16-bit counter and
a programmable DMA exception handler.
External requests are not supported.
5.3
Enhanced Multiply and Accumulate Module (EMAC)
The integrated EMAC unit provides a common set of DSP operations and enhances the integer multiply
instructions in the ColdFire architecture. The EMAC provides functionality in three related areas:
1. Faster signed and unsigned integer multiplies
2. New multiply-accumulate operations supporting signed and unsigned operands
3. New miscellaneous register operations
Multiplies of 16x16 and 32x32 with 48-bit accumulates are supported in addition to a full set of extensions
for signed and unsigned integers plus signed, fixed-point fractional input operands. The EMAC has a
single-clock issue for 32x32-bit multiplication instructions and implements a four-stage execution
pipeline.
5.4
Instruction Cache
The instruction cache improves system performance by providing cached instructions to the execution unit
in a single clock. The SCF5249 processor uses a 8K-byte, direct-mapped instruction cache to achieve 125
MIPS at 140 Mhz. The cache is accessed by physical addresses, where each 16-byte line consists of an
address tag and a valid bit. The instruction cache also includes a bursting interface for 16-bit and 8-bit port
sizes to quickly fill cache lines.
5.5
Internal 96-KByte SRAM
The 96-KByte on-chip SRAM is split over two banks, SRAM0 (32k) and SRAM1 (64K). It provides one
clock-cycle access for the ColdFire core. This SRAM can store processor stack and critical code or data
segments to maximize performance. Memory in the second bank can be accessed under DMA.
5.6
DRAM Controller
The SCF5249 DRAM controller provides a glueless interface for up to two banks of DRAM, each of which
can be up to 32 MBytes. The controller supports a 16-bit data bus. A unique addressing scheme allows for
increases in system memory size without rerouting address lines and rewiring boards. The controller
operates in page mode, non-page mode, and burst-page mode and supports SDRAMS.
5.7
System Interface
The SCF5249 provides a glueless interface to 16-bit port size SRAM, ROM, and peripheral devices with
independent programmable control of the assertion and negation of chip-select and write-enable signals.
The SCF5249 also supports bursting ROMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com