Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Signal Descriptions
Freescale Semiconductor
18
8.4
SDRAM Controller Signals
The following SDRAM signals provide a seamless interface to external SDRAM. An SDRAM width of
16 bits is supported and can access as much as 64 Mybtes of memory. ADRAMs are not supported.
NOTE
The SDRAM_CS2 signal is only used on the 160 MAPBGA package.
8.5
Chip Selects
There are two chip select outputs on the SCF5249 device. CS0 and CS1/GPIO58. The second signal is
multiplexed with a GPIO signal. The active low chip selects can be used to access asynchronous memories.
The interface is glueless.
8.6
ISA Bus
The SCF5249 supports an ISA bus. (No ISA DMA channel). Using the ISA bus protocol, reads and writes
to up to two ISA bus peripherals are possible. For the first peripheral, CS2/IDE-DIOR/GPIO13 and
IDE-DIOW/GPIO14 are the read and write strobe. For the second peripheral, CS3/SRE/GPIO11 and
SWE/GPIO12 are the read and write strobe. Either peripheral can insert wait states by pulling
IDE-IORDY/GPIO16
Table 5. SDRAM Controller Signals
SDRAM Signal
Description
Synchronous DRAM row address strobe
The SDRAS active low pin provides a seamless interface to the RAS
input on synchronous DRAM
Synchronous DRAM Column Address
Strobe
The SDCAS active low pin provides a seamless interface to CAS input
on synchronous DRAM.
Synchronous DRAM Write
The SDWE active-low pin is asserted to signify that a SDRAM write
cycle is underway. This pin outputs logic ‘1’ during read bus cycles.
Synchronous DRAM Chip Enable
The SD_CS1 and The SDRAM_CS2/GPIO7 active-low output signal is
used during synchronous mode to route directly to the chip select of up
to two SDRAM devices.
The SDRAM_CS2/gpio7 can be programmed to be gpio using
the GPIO-FUNCTION register.
Synchronous DRAM UDQM and LQDM
signals
The DRAM byte enables UDMQ and LDQM are driven by the
SDUDQM and SDLDQM byte enable outputs.
Synchronous DRAM clock
The DRAM clock is driven by the SCLK signal
Synchronous DRAM Clock Enable
The BCLKE active high output signal is used during synchronous
mode to route directly to the SCKE signal of external SDRAMs. This
signal provides the clock enable to the SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com