Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 43Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 44Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 45Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 46Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 47Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 50Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Pin-Out and Package Information
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
47
10
SCLK_OUT/GPIO15
I/O
MemoryStick/SD
11
BCLKE
O
sdram clock enable output
12
SDA/QSPI_DIN
I/O
IIC data/QSPI data in function select
is PLLCR(11)
13
DATA24
I/O
data
14
A22
O
SDRAM address / static adr
15
SDUDQM
O
SDRAM UDQM
16
EF/GPIO19
I/O
error flag input
17
DATA25
I/O
data
18
DATA26
I/O
data
19
DATA27
I/O
data
20
PAD-GND
PAD-GND
21
DATA28
I/O
data
22
DATA29
I/O
data
23
SDATA3/GPIO56
I/O
SD interface data line
24
DATA30
I/O
data
25
BUFENB1/GPIO57
I/O
external buffer 1 enable
26
DATA31
I/O
data
27
CORE-VDD
CORE-VDD
28
A13
O
SDRAM address / static adr
29
CORE-GND
CORE-GND
30
A23
O
SDRAM address / static adr
31
A14
O
SDRAM address / static adr
32
A15
O
SDRAM address / static adr
33
A16
O
SDRAM address / static adr
34
PAD-VDD
PAD-VDD
35
A19
O
SDRAM address / static adr
Table 34. 144 QFP Pin Assignments (continued)
144 QFP
Pin
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com