Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button SCF5249 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Signal Descriptions
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
23
8.14 Analog to Digital Converter (ADC)
The single output on the TOUT1/ADOUT/GPO35 pin provides the reference voltage in PDM format
therefore this output requires an external integrator circuit (resistor/capacitor) to convert it to a DC level to
be used by the external comparator circuit. Four external comparators compare the DC level obtained after
filtering TOUT1/ADOUT/GPO35 with the relevant input signals. The outputs of the comparators are fed
to the 4 ADIN inputs on the SCF5249: EBUIN3/ADIN0/GPI38, EBUIN4/ADIN1/GPI39,
RXD2/ADIN2/GPI38 and CTS2/ADIN3/GPI31. Selection of function for pin TOUT1/ADOUT/GPO35 is
done by writing GPIO function select register (determines if function is GPIO or not), and differentiation
between timer and adout functions is done in the ADCONFIG Register.
8.15 Secure Digital/ MemoryStick Card Interface
The device has a versatile flash card interface that supports both SecureDigital and MemoryStick cards.
The interface can either support one SecureDigital or two MemoryStick cards. No mixing of card types is
possible. Table 12 gives the pin descriptions.
NOTE
The SDATA0_SDIO1 and RSTO/SDATA2_BS2 signals are only used in the
160 MAPBGA package.
Table 12. Flash Memory Card Signals
Flash Memory Signal
Description
SCLKOUT/GPIO15
Clock out for both MemoryStick interfaces and for SecureDigital
CMD_SDIO2/GPIO34
Secure Digital command line
MemoryStick interface 2 data i/o
SDATA0_SDIO1/GPIO54
SecureDigital serial data bit 0
MemoryStick interface 1 data i/o
SDATA1_BS1/GPIO9
SecureDigital serial data bit 1
MemoryStick interface 1 strobe
RSTO/SDATA2_BS2
SecureDigital serial data bit 2
MemoryStick interface 2 strobe
Reset output signal
Selection between Reset function and SDATA2_BS2 is done by
programming PLLCR register.
SDATA3/GPIO57
SecureDigital serial data bit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com