Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # SCF5249
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  SCF5249 Datasheet HTML 1Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 2Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 3Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 4Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 5Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 6Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
© Freescale Semiconductor, Inc., 2004. All rights reserved.
Freescale Semiconductor
Data Sheet
Document Number: SCF5249EC
Rev. 0, 04/2005
Table of Contents
1
Introduction
This document provides an overview of the SCF5249
ColdFire® processor and general descriptions of
SCF5249 features and its various modules.
The SCF5249 was designed as a system
controller/decoder for MP3 music players, especially
portable MP3 CD players. The 32-bit ColdFire core with
Enhanced Multiply Accumulate (EMAC) unit provides
optimum performance and code density for the
combination of control code and signal processing
required for MP3 decode, file management, and system
control.
Low power features include a hardwired CD ROM
decoder, advanced 0.18um CMOS process technology,
1.8V core power supply, and on-chip 96KByte SRAM.
MP3 decode requires less than 20MHz CPU bandwidth
and runs in on-chip SRAM with external access only for
data input and output.
The SCF5249 is also an excellent general purpose
system controller with over 125 Dhrystone 2.1 MIPS @
140MHz performance at a very competitive price. The
1
Introduction.......................................................... 1
2
SCF5249 Block Diagram ..................................... 3
3
SCF5249 Feature Details .................................... 3
4
160 MAPBGA Ball Assignments ......................... 6
5
SCF5249 Functional Overview............................ 7
6
General Device Information............................... 12
7
Documentation ..................................................12
8
Signal Descriptions............................................ 13
9
Electrical Characteristics ................................... 28
10
Pin-Out and Package Information ..................... 46
SCF5249 Integrated ColdFire®
Microprocessor Data Sheet


Similar Part No. - SCF5249

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCF5250 MOTOROLA-SCF5250 Datasheet
767Kb / 48P
SCF5250 Integrated ColdFire Microprocessor
logo
Freescale Semiconductor...
SCF5250 FREESCALE-SCF5250 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
logo
Motorola, Inc
SCF5250AG120 MOTOROLA-SCF5250AG120 Datasheet
767Kb / 48P
SCF5250 Integrated ColdFire Microprocessor
logo
Freescale Semiconductor...
SCF5250AG120 FREESCALE-SCF5250AG120 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
SCF5250AG120 NXP-SCF5250AG120 Datasheet
1Mb / 56P
This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
More results

Similar Description - SCF5249

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCF5250 MOTOROLA-SCF5250 Datasheet
767Kb / 48P
SCF5250 Integrated ColdFire Microprocessor
MCF5272 MOTOROLA-MCF5272 Datasheet
6Mb / 550P
MCF5272 ColdFire Integrated Microprocessor Users Manual
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
ColdFire Microprocessor
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
MCF532x ColdFire Microprocessor Data Sheet
MCF5206ECAB40 FREESCALE-MCF5206ECAB40 Datasheet
271Kb / 2P
Motorolas ColdFire MCF5206e Integrated Microprocessor
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
MCF547x ColdFire Microprocessor
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
MCF5441x ColdFire Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
Integrated ColdFire Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com