Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 5 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 5 Page - Texas Instruments

  MPZ2012S101A Datasheet HTML 1Page - Texas Instruments MPZ2012S101A Datasheet HTML 2Page - Texas Instruments MPZ2012S101A Datasheet HTML 3Page - Texas Instruments MPZ2012S101A Datasheet HTML 4Page - Texas Instruments MPZ2012S101A Datasheet HTML 5Page - Texas Instruments MPZ2012S101A Datasheet HTML 6Page - Texas Instruments MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
DC CHARACTERISTICS
TPA2013D1
SLOS520 – AUGUST 2007
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D audio power amplifier
VCC
3
5.5
V
voltage supply range, VCCIN
SDd = SDb = 0 V, VDD = 1.8 V, RL = 8 Ω
0.04
1.5
SDd = SDb = 0 V, VDD = 3.6 V, RL = 8 Ω
0.04
1.5
SDd = SDb = 0 V, VDD = 4.5 V, RL = 8 Ω
0.02
1.5
ISD
Shutdown quiescent current
μA
SDd = SDb = 0.35 V, VDD = 1.8 V, RL = 8 Ω
0.03
1.5
SDd = SDb = 0.35 V, VDD = 3.6 V, RL = 8 Ω
0.03
1.5
SDd = SDb = 0.35 V, VDD = 4.5 V, RL = 8 Ω
0.02
1.5
Boost converter quiescent
SDd = 0 V, SDb = 1.3 V, VDD = 3.6 V, VCC = 5.5 V, No
1.3
IDD
mA
current
Load, No Filter
VDD = 3.6, Vcc = 5.5 V, No Load, No Filter
4.3
6
Class D amplifier quiescent
ICC
mA
current
VDD = 4.5, Vcc = 5.5 V, No Load, No Filter
3.6
6
SDd = SDb = 1.3V, VDD = 3.6, Vcc = 5.5 V, No Load, No
16.5
23
Boost converter and audio
Filter
IDD
power amplifier quiescent
mA
SDd = SDb = 1.3V, VDD = 4.5, Vcc = 5.5 V, No Load, No
11
18.5
current, Class D(1)
Filter
Boost converter switching
500
600
700
kHz
frequency
f
Class D switching frequency
250
300
350
kHz
UVLO
Under voltage lockout
1.7
V
Gain input low level
Gain = 2 V/V (6dB)
0
0.35
V
GAIN
Gain input mid level
Gain = 6 V/V (15.5 dB) (floating input)
0.7
0.8
1
V
Gain input high level
Gain = 10 V/V (20 dB)
1.35
V
Class D Power on reset ON
2.8
V
PORD
threshold
(1)
IDD is calculated using IDD = (ICC× VCC)/(VDD×η), where ICC is the class D amplifier quiescent current; η = 40%, which is the boost
converter efficiency when class D amplifier has no load. To achieve the minimal 40%
η, it is recommended to use the suggested
inductors in table 4 and to follow the layout guidelines.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com