Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 17 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 17 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 13Page - Texas Instruments MPZ2012S101A Datasheet HTML 14Page - Texas Instruments MPZ2012S101A Datasheet HTML 15Page - Texas Instruments MPZ2012S101A Datasheet HTML 16Page - Texas Instruments MPZ2012S101A Datasheet HTML 17Page - Texas Instruments MPZ2012S101A Datasheet HTML 18Page - Texas Instruments MPZ2012S101A Datasheet HTML 19Page - Texas Instruments MPZ2012S101A Datasheet HTML 20Page - Texas Instruments MPZ2012S101A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
www.ti.com
RECOMMENDED INDUCTOR AND CAPACITOR VALUES BY APPLICATION
CLASS-D REQUIREMENTS
DECOUPLING CAPACITORS
INPUT CAPACITORS
)
I I
1
f =
c
(2
R C
´ p
´
(6)
TPA2013D1
SLOS520 – AUGUST 2007
Use Table 4 as a guide for determining the proper inductor and capacitor values.
Table 4. Recommended Values
Class-D
Class-D
Minimum
Required
Max
Output
Max IL
L
Inductor Vendor
C(2)
Capacitor Vendor
Load
VDD
VCC
ΔV
Power
(A)
(
μH)
Part Numbers
(
μF)
Part Numbers
(
Ω)
(V)
(V)
(mVpp)
(W)(1)
3.3
10
Toko DE2812C
Kemet C1206C106K8PACTU
1
8
3
4.3
0.70
30
Coilcraft DO3314
Murata GRM32ER61A106KA01B
Murata LQH3NPN3R3NG0
Taiyo Yuden LMK316BJ106ML-T
4.7
22
Murata LQH32PN4R7NN0
1.6
8
3
5.5
1.13
30
Murata GRM32ER71A226KE20L
Toko DE4514C
Taiyo Yuden LMK316BJ226ML-T
Coilcraft LPS4018-472
3.3
33
2
4
3
4.6
1.53
30
Murata LQH55PN3R3NR0
TDK C4532X5R1A336M
Toko DE4514C
6.2
47
2.3
4
1.8
5.5
2
30
Sumida
Murata GRM32ER61A476KE20L
CDRH5D28NP-6R2NC
Taiyo Yuden LMK325BJ476MM-T
(1)
All power levels are calculated at 1% THD unless otherwise noted
(2)
All values listed are for ceramic capacitors. The correction factor of 2 is included in the values.
The TPA2013D1 is a high-performance Class-D audio amplifier that requires adequate power supply decoupling
to
ensure
the
efficiency
is
high
and
total
harmonic
distortion
(THD)
is
low.
Place
a
low
equivalent-series-resistance (ESR) ceramic capacitor, typically 1
μF as close as possible to the device VDD lead.
This choice of capacitor and placement helps with higher frequency transients, spikes, or digital hash on the line.
Additionally, placing this decoupling capacitor close to the TPA2013D1 is important for the efficiency of the
Class-D amplifier, because any resistance or inductance in the trace between the device and the capacitor can
cause a loss in efficiency. Place a capacitor of 10
μF or greater between the power supply and the boost
inductor. The capacitor filters out high frequency noise. More importantly, it acts as a charge reservoir, providing
energy more quickly than the board supply, thus helping to prevent any droop.
The TPA2013D1 does not require input coupling capacitors if the design uses a differential source that is biased
within the common mode input range. Use input coupling capacitors if the input signal is not biased within the
recommended common-mode input range, if high pass filtering is needed, or if using a single-ended source.
The input capacitors and input resistors form a high-pass filter with the corner frequency, fc, determined in
Equation 6.
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so the
corner frequency can be set to block low frequencies in this application. Not using input capacitors can increase
output offset.
Use Equation 7 to find the required the input coupling capacitance.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com