Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 11 Page - Texas Instruments

Part # MPZ2012S101A
Description  2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPZ2012S101A Datasheet(HTML) 11 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments MPZ2012S101A Datasheet HTML 10Page - Texas Instruments MPZ2012S101A Datasheet HTML 11Page - Texas Instruments MPZ2012S101A Datasheet HTML 12Page - Texas Instruments MPZ2012S101A Datasheet HTML 13Page - Texas Instruments MPZ2012S101A Datasheet HTML 14Page - Texas Instruments MPZ2012S101A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G019
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
VDD = 3.6 V
1
PO = 0.05 W
PO = 1 W
PO = 0.25 W
10
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G020
Gain = 2 V/V
PO = 250 mW
RL = 4 Ω + 33 µH
VCC = 4.5 V
1
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
10
20
100
1k
20k
10k
f − Frequency − Hz
0.1
0.01
0.001
G021
Gain = 2 V/V
PO = 250 mW
RL = 4 Ω + 33 µH
VCC = 5.5 V
1
VDD = 1.8 V
VDD = 2.5 V
VDD = 4.2 V
VDD = 3.6 V
10
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G022
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 4.5 V
20
100
1k
20k
10k
VDD = 3.6 V
VDD = 4.2 V
VDD = 2.5 V
VDD = 1.8 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G023
Gain = 2 V/V
RL = 8 Ω + 33 µH
VCC = 5.5 V
20
100
1k
20k
10k
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
VDD = 4.2 V
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
G024
Gain = 2 V/V
RL = 8 Ω
VCC = 4.5 V
20
100
1k
20k
10k
VDD = 3.6 V
VDD = 2.5 V
VDD = 1.8 V
VDD = 4.2 V
TPA2013D1
SLOS520 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
TOTAL HARMONIC DISTORTION + NOISE
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
POWER SUPPLY REJECTION RATIO
COMMON-MODE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA2013D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com